Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-141FF1AS8ADC90.543.3 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQX-141FF1AS8ADC90.543.3
Description  Relay covers switching capacity from 10A to 16A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-141FF1AS8ADC90.543.3 Datasheet(HTML) 3 Page - DB Lectro Inc

  JQX-141FF1AS8ADC90.543.3 Datasheet HTML 1Page - DB Lectro Inc JQX-141FF1AS8ADC90.543.3 Datasheet HTML 2Page - DB Lectro Inc JQX-141FF1AS8ADC90.543.3 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
79
JQX-141FF
03001003502
29
12.6
20.6
Slim type and small occupying area can offer high density P.C.B. technique.
Employment of suitable plastic materials to be applied to high temperature and various chemical solution.
Relay covers switching capacity from 10A to 16A
Switching capacity by 5A available with 2 transfer contact forms.
Ordering Information
JQX-141FF C S 10 DC12V 0.54 3.5
1
2
3
4
5
6
7
1 Part number
JQX-141FF
2 Contact arrangement
1A:1A
2A:2A
1C:1C
2C:2C
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
5A,8A,10A,16A
5 Coil rated voltage(V) DC:3,5,6,9,12,24,48
6 Coil power consumption 0.54:0.54W
0.72:0.72W
7 Pole-distance
3.5:3.5mm
5:5.0mm
1A (SPSTNO) 2A (DPSTNO) 1C (SPDT (B-M)) 2C (DPDT(B-M))
AgCdO
AgSnO
2
Contact Material
1A,1C
1A,1C
2A,2C
16A/250VAC;30VDC
1A:20A/120VAC
Contact Rating
Resistive
10A/250VAC,30VDC
5A/250VAC,30VDC
Inductive
8A/250VAC,30VDC
5A/250VAC,5A/30VDC 2A/250VAC,3A/30VDC
Max. Switching Power
Resistive
480W 4000VA
300W 2500VA
150W 1250VA
Inductive
240W 2000VA
150W 1875VA
90W
500VA
Max. Switching Voltage
125VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
100m
item 3.12 of IEC255-7
5
Electrical
10
item 3.30 of IEC255-7
7
Mechanical
10
item 3.31 of IEC255-7
Operational
life
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
Release voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
0.54
20
8
0.72
15
8
003-540
005-540
006-540
009-540
012-540
024-540
048-540
003-720
005-720
006-720
009-720
012-720
024-720
048-720
3
5
6
9
12
24
48
3
5
6
9
12
24
48
3.9
6.5
7.8
11.7
15.6
31.2
62.4
3.9
6.5
7.8
11.7
15.6
31.2
62.4
17
47
68
155
270
1100
4400
12.5
36
50
115
200
820
3300
2.4
4.0
4.8
7.2
9.6
19.2
38.4
2.4
4.0
4.8
7.2
9.6
19.2
38.4
0.15
0.25
0.30
0.45
0.60
1.20
2.40
0.15
0.25
0.30
0.45
0.60
1.20
2.40
R50007462
JQX-141FF
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
CQC
Load
16A/250VAC
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 1200V
Item 6 of IEC255-5
50Hz 5000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
13g
double amplitude 1.5mm
0.54W:-30~70
; 0.72W:-30~55
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
29max.
5.08
5.08
5.08
20.3
20.3
20
20
7.5
12.6max.
1A
1C
2A
2C
3.5
3.5
3.5 (5.08)
(5.08)
(5.08)
(3.5)
(3.5)
(3.5)
6-0.4
1
2.2
2-0.6
0.6
Mounting (Bottom view)
Dimensions
1A
1C
2A
2C
1C
1A
16A
10A
Reference Data
T V
16A/250VAC,30VDC
5- 1.3
4- 1.3
8- 1.3
6- 1.3
U
Contact Data
E158859
R
C
US
UL&CUR
NO: 16A/250VAC
NC: 12A/250VAC
mm /inch
1.142max.
0.496max.
0.024
0.024
0.016
0.039
0.087
0.295
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.138
0.200
0.051
0.051
0.799
0.799
0.787
0.787
0.051
0.051
Features
Ningbo Huaguan Relay Corporation LTD.
Contact Arrangement
Contact Arrangement


Similar Part No. - JQX-141FF1AS8ADC90.543.3

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-141FF1A HUAXINAN-JQX-141FF1A Datasheet
97Kb / 1P
   Slim type and small occupying area can offer high density P.C.B. technique
More results

Similar Description - JQX-141FF1AS8ADC90.543.3

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com