Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-13F2BBDC12V2L Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQX-13F2BBDC12V2L
Description  NHG RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-13F2BBDC12V2L Datasheet(HTML) 2 Page - DB Lectro Inc

  JQX-13F2BBDC12V2L Datasheet HTML 1Page - DB Lectro Inc JQX-13F2BBDC12V2L Datasheet HTML 2Page - DB Lectro Inc JQX-13F2BBDC12V2L Datasheet HTML 3Page - DB Lectro Inc JQX-13F2BBDC12V2L Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
28
21.5
35
3C:28
31.5
36
4C:28
41.5
36
Small size, light weight, heavy reverse power.
Optional mounting ways.
Firm structure, strong anti-shock & anti vibration.
Suitable for automatic control, telecommunication equipment, household electrical appliances and machinery electrical
facilities.
Ordering Information
JQX-13F 2C
a DC12V 1 L
1
2
3
4
5
6
1 Part number
JQX-13F
2 Contact arrangement
1A:1A
2A:2A
1B:1B
2B:2B
1C:1C
2C:2C
3C:3C
4C:4C
3 Terminal
a:inserting type
b:PCB type
4 Coil rated voltage(V)
AC:6,12,24,36,48,110,120,220,240
DC:6,12,24,36,48,110,220
5 Cover
1:1Mode
2:2 Mode
6 Coil transient suppression
L:with LED
D:with diode;
LD:with LED & diode
NIL:standard
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
V(max)
80%of rated
voltage
Release
voltage
V(min)
10%of rated
voltage
Coil
power
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTIO-N: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Coil Parameter
DC
JQX-13F
Contact Data
Contact Material
AgCdO
AgSnO
2
1A (SPSTNO)
2A (DPSTNO)
1B (SPSTNC)
2B (DPSTNC)
1C (SPDT(B-M))
2C (DPDT(B-M))
Contact Arrangement
3C
(3PDT(B-M))
4C
(4PDT(B-M))
Contact Rating
(resistive)
006-900
6
6.6
40
4.8
0.6
012-900
12
13.2
160
9.6
1.2
024-900
24
26.4
640/650
19.2
2.4
036-900
36
39.6
1440
28.8
3.6
048-900
48
52.8
2560
38.4
4.8
110-900
110
121
13444
88.0
11.0
220-900
220
242
53778
176
22.0
012-1400
12
13.2
107
9.6
1.2
024-1400
24
26.4
410
19.2
2.4
036-1400
36
39.6
926
28.8
3.6
048-1400
48
52.8
1700
38.4
4.8
110-1400
110
121
8500
88.0
11.0
220-1400
220
242
34571
176
22.0
012-1500
12
13.2
100
9.6
1.2
024-1500
24
26.4
350
19.2
2.4
036-1500
36
39.6
865
28.8
3.6
048-1500
48
52.8
1600
38.4
4.8
110-1500
110
121
6900
88.0
11.0
220-1500
220
242
32267
176
22.0
0.9
25
25
1.4
25
25
1.5
25
25
Contact Current
15A 20A
10A
10A
10A
Contact voltage
277VAC,28VDC
Coil
DC
0.9W
0.9W
1.4W
1.5W
Power
AC
1.2VA
1.2VA
2VA
2.5VA
Max. Switching Voltage
30VDC 300VAC
Max. Switching Current:20A
Max. Resistance or
Voltage drop
5
Electrical
10
item 3.30 of IEC255-7
7
Mechanical 2
10
item 3.31 of IEC255-7
50m
item 3.12 of IEC255-7
03001003500
E158859
R50016343
Features
Operation
life
al
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
V(max)
80%of rated
voltage
Release
voltage
V(min)
30%of rated
voltage
Coil
power
VA
Rated
Max.
Coil Parameter
AC
006AC-1200
6
6.6
11.5
183.0
4.8
1.8
012AC-1200
12
13.2
46
91.0
9.6
3.6
024AC-1200
24
26.4
184
46.0
19.2
7.2
036AC-1200
36
39.6
320
33.0
28.8
10.8
048AC-1200
48
52.8
735
24.0
38.4
14.4
110AC-1200
110
121
3900
11.0
88.0
33.0
120AC-1200
120
132
4550
9.8
96.0
36.0
220AC-1200
220
242
14400
4.2
176
66.0
240AC-1200
240
312
15210
5.5
192
72.0
012AC-2000
12
13.2
24
167
9.6
3.6
024AC-2000
24
26.4
100
83
19.2
7.2
036AC-2000
36
39.6
230
56
28.8
10.8
048AC-2000
48
52.8
410
42
38.4
14.4
2.0
110AC-2000
110
121
2300
18
88.0
33.0
220AC-2000
220
242
8600
9.1
176
66.0
240AC-2000
240
312
12100
6.2
192
72.0
012AC-2500
12
13.2
20
208
9.6
3.6
024AC-2500
24
26.4
78
104
19.2
7.2
036AC-2500
36
39.6
180
69
28.8
10.8
048AC-2500
48
52.8
350
52.1
38.4
14.4
2.5
110AC-2500
110
121
1600
22.7
88.0
33.0
220AC-2500
220
242
6700
11.4
176
66.0
240AC-2500
240
312
9120
9.8
192
72.0
1.2
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
1)
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 1500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N(PC type)
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
; -25~70
(3C,4C)
Relative Humidity
85% (at 30
)
IEC68-2-3Test Ca
Mass
37g(1C,2C);50g(3C);70g(4C)
Note: 1). When testing, coil terminals should be connected , if LED is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
T V
CQC
Load
10A/277VAC,28VDC
10A/220VAC
Rated
current
mA
Operation condition
74
JQX-13F
2
1
10A/277VAC
12A/250VAC,28VDC
HP 125VAC
Ningbo Forward Relay Corporation LTD.
C
US
NHG RELAYS


Similar Part No. - JQX-13F2BBDC12V2L

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-13F2B HUAXINAN-JQX-13F2B Datasheet
993Kb / 2P
   Small size, light weight, heavy reverse power
More results

Similar Description - JQX-13F2BBDC12V2L

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-1 DBLECTRO-NVF4-1 Datasheet
650Kb / 2P
   NHG RELAYS
NVF4-3 DBLECTRO-NVF4-3 Datasheet
860Kb / 3P
   NHG RELAYS
JQX-14FC DBLECTRO-JQX-14FC_07 Datasheet
403Kb / 4P
   NHG RELAYS
NG8QW DBLECTRO-NG8QW Datasheet
302Kb / 2P
   NHG RELAYS
NVF4-7 DBLECTRO-NVF4-7 Datasheet
426Kb / 2P
   NHG RELAYS
logo
Panasonic Semiconductor
ECA-1EHG331 PANASONIC-ECA-1EHG331 Datasheet
112Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1JHG331 PANASONIC-ECA-1JHG331 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-2AHG101 PANASONIC-ECA-2AHG101 Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
ECA-1HHG100 PANASONIC-ECA-1HHG100 Datasheet
81Kb / 5P
   Aluminum Electrolytic Capacitors/NHG
ECA-1VHG222B PANASONIC-ECA-1VHG222B Datasheet
123Kb / 5P
   Aluminum Electrolytic Capacitors/ NHG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com