Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KZ2D331KC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # KZ2D331KC
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D331KC Datasheet(HTML) 2 Page - DB Lectro Inc

  KZ2D331KC Datasheet HTML 1Page - DB Lectro Inc KZ2D331KC Datasheet HTML 2Page - DB Lectro Inc KZ2D331KC Datasheet HTML 3Page - DB Lectro Inc KZ2D331KC Datasheet HTML 4Page - DB Lectro Inc KZ2D331KC Datasheet HTML 5Page - DB Lectro Inc KZ2D331KC Datasheet HTML 6Page - DB Lectro Inc KZ2D331KC Datasheet HTML 7Page - DB Lectro Inc KZ2D331KC Datasheet HTML 8Page - DB Lectro Inc KZ2D331KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KZ Series
6.3
10
16
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
10
4 x 5.4
1.8
80
15
4 x 5.4
1.8
80
22
4 x 5.4
1.8
80
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
27
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
5 x 5.4
0.76
150
33
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
47
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
56
5 x 5.4
0.76
150
6.3 x 5.4
0.44
230
6.3 x 5.4
0.44
230
68
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
100
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
150
6.3 x 5.4
0.44
230
6.3 x 7.7
0.34
280
6.3 x 7.7
0.34
280
220
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.34
280
8 x 10.5
(6.3 x 7.7)
0.17
(0.34)
450
(280)
330
6.3 x 7.7
0.34
280
8 x 10.5
0.17
450
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
470
8 x 10.5
0.17
450
8 x 10.5
0.17
450
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
680
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
10x 10.5
0.09
670
1000
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
10 x 10.5
0.09
670
1500
10 x 10.5
0.09
670
25
35
50
WV
F
Case size Impedance
R.C.
Case size Impedance
R.C.
Case size Impedance
R.C.
4.7
4 x 5.4
1.8
80
5 x 5.4
1.52
85
10
4 x 5.4
1.8
80
5 x 5.4
(4 x 5.4)
0.76
(1.8)
150
(80)
6.3 x 5.4
0.88
165
15
5 x 5.4
0.76
150
5 x 5.4
0.76
150
6.3 x 5.4
0.88
165
22
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 7.7
0.68
185
27
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
0.68
185
33
6.3 x 5.4
(5 x 5.4)
0.44
(0.76)
230
(150)
6.3 x 5.4
0.44
230
6.3 x 7.7
0.68
185
47
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.68
185
56
6.3 x 7.7
(6.3 x 5.4)
0.34
(0.44)
280
(230)
6.3 x 7.7
0.34
280
8 x 10.5
0.34
300
68
6.3 x 7.7
0.34
280
6.3 x 7.7
0.34
280
8 x 10.5
0.34
300
100
6.3 x 7.7
0.34
280
8 x 10.5
0.17
450
10 x 10.5
0.18
670
150
8 x 10.5
(6.3 x 7.7)
0.17
(0.34)
450
(280)
10 x 10.5
0.09
670
10 x 10.5
0.18
670
220
8 x 10.5
0.17
450
10 x 10.5
0.09
670
10 x 10.5
0.18
670
330
10 x 10.5
(8 x 10.5)
0.09
(0.17)
670
(450)
10 x 10.5
0.09
670
470
10 x 10.5
0.09
670
maximum impedance ( ) at 20 C 100kHz, ripple current (mA rms) at 105 C 100kHz
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.35
0.50
0.64
0.83
1.00
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm),
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KZ2D331KC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Similar Description - KZ2D331KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com