Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3588-09 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S3588-09
Description  Si PIN photodiode Large area sensors for scintillation detection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3588-09 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S3588-09 Datasheet HTML 1Page - Hamamatsu Corporation S3588-09 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si PIN photodiode
S2744/S3588-08, -09
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
s
s
s
s
s Dimensional outlines (unit: mm)
S2744-08/-09
S3588-08/-09
10 nA
1 µA
1 pA
100 pA
1 nA
100 nA
10 pA
(Typ. VR=70 V)
AMBIENT TEMPERATURE (˚C)
-20
60
80
020
40
REVERSE VOLTAGE (V)
10 pF
0.1
1
10
100
100 pF
1 nF
10 nF
(Typ. Ta=25 ˚C, f=1 MHz)
S2744-08/-09
S3588-08/-09
0
200
400
600
800
1000
+1.0
+0.5
(Typ.)
+1.5
-0.5
WAVELENGTH (nm)
WAVELENGTH (nm)
0
200
400
600
0.1
0.2
0.3
0.4
0.5
800
1000
1200
0.6
0.7
(Typ. Ta=25 ˚C)
S2744/S3588-08
S2744/S3588-09
KPINA0039EB
KPINA0042EB
s Spectral response
KPINB0265EB
KPINB0093EC
sDark current vs. ambient temperature
sPhotosensitivitytemperaturecharacteristic
s Dark current vs. reverse voltage
s Terminal capacitance vs. reverse voltage
REVERSE VOLTAGE (V)
1 pA
0.1
1
10
100
10 pA
100 pA
1 nA
10 nA
(Typ. Ta=25 ˚C)
Cat. No. KPIN1049E04
Mar. 2006 DN
KPINB0220EA
KPINB0221EA
KPINB0222EB
+0
-0.6
 0.45
LEAD
PHOTOSENSITIVE
SURFACE
2.5
20.0
WHITE CERAMIC
2.0
27.0
ACTIVE AREA
The coating resin may extend a
maximum of 0.1 mm beyond the
upper surface of the package.
PHOTOSENSITIVE
SURFACE
ACTIVE AREA
 0.45
LEAD
30.0
1.2
34.0
WHITE CERAMIC
1.1
+0
- 0.8
The coating resin may extend a
maximum of 0.1 mm beyond the
upper surface of the package.


Similar Part No. - S3588-09

ManufacturerPart #DatasheetDescription
logo
AUK corp
S358 AUK-S358 Datasheet
212Kb / 4P
   Low Power Dual OP AMP
S358 AUK-S358 Datasheet
212Kb / 4P
   Low Power Dual OP AMP
logo
Microsemi Corporation
S3580 MICROSEMI-S3580 Datasheet
119Kb / 3P
   Silicon Power Rectifier
S3580 MICROSEMI-S3580 Datasheet
136Kb / 2P
   SILICON POWER RECTIFIER
S3580 MICROSEMI-S3580 Datasheet
148Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - S3588-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3204 HAMAMATSU-S3204 Datasheet
130Kb / 2P
   Si PIN photodiode Large area sensors for scintillation detection
S3590-08 HAMAMATSU-S3590-08 Datasheet
97Kb / 2P
   Si PIN photodiode Large area sensors for scintillation detection
S3590-18 HAMAMATSU-S3590-18 Datasheet
416Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for scintillation counting
S9723 HAMAMATSU-S9723 Datasheet
99Kb / 2P
   Si PIN photodiode Large area Si PIN photodiode for direct detection
S5377 HAMAMATSU-S5377 Datasheet
207Kb / 2P
   Large area Si PIN photodiode for direct detection
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
   Si PIN photodiode Large area, high-speed Si PIN photodiodes
logo
PerkinElmer Optoelectro...
VTH2090 PERKINELMER-VTH2090 Datasheet
90Kb / 2P
   LARGE AREA PIN PHOTODIODE
logo
Hamamatsu Corporation
S9195 HAMAMATSU-S9195 Datasheet
89Kb / 2P
   Si PIN photodiode for violet-laser detection
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
   Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S9682 HAMAMATSU-S9682_11 Datasheet
103Kb / 3P
   Si photodiode Highly reliable photodiode for VUV detection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com