Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1226-44BQ Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S1226-44BQ
Description  Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1226-44BQ Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S1226-44BQ Datasheet HTML 1Page - Hamamatsu Corporation S1226-44BQ Datasheet HTML 2Page - Hamamatsu Corporation S1226-44BQ Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Si photodiode
S1226 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2004 Hamamatsu Photonics K.K.
Cat. No. KSPD1034E04
Aug. 2004 DN
The K type borosilicate glass
window may extend a maximum
of 0.2 mm above the upper surface
of the cap.
0.45
LEAD
12.35 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
WINDOW
10.5 ± 0.1
PHOTOSENSITIVE
SURFACE
MARK ( 1.4)
CONNECTED TO CASE
KSPDA0115EA
PHOTOSENSITIVE
SURFACE
4.7 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
CONNECTED TO CASE
WINDOW
3.0 ± 0.2
0.45
LEAD
0.45
LEAD
8.1 ± 0.1
WINDOW
5.9 ± 0.1
PHOTOSENSITIVE
SURFACE
9.1 ± 0.2
5.08 ± 0.2
CONNECTED TO CASE
The K type borosilicate glass
window may extend a maximum
of 0.2 mm above the upper surface
of the cap.
➂ S1226-8BQ/-8BK
KSPDA0113EB
KSPDA0114EA
s Dimensional outlines (unit: mm)
➀ S1226-18BQ/-18BK
➁ S1226-5BQ/K, S1226-44BQ/K
3


Similar Part No. - S1226-44BQ

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1226-44BQ HAMAMATSU-S1226-44BQ Datasheet
225Kb / 4P
   SI PHOTO DIODE
More results

Similar Description - S1226-44BQ

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2387 HAMAMATSU-S2387 Datasheet
119Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
S1223 HAMAMATSU-S1223 Datasheet
190Kb / 2P
   For visible IR precision photometry
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com