Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ8211CY-M5-25-TRL Datasheet(PDF) 1 Page - Acutechnology Semiconductor

Part # BQ8211CY-M5-25-TRL
Description  Low Dropout 300mA Voltage Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

BQ8211CY-M5-25-TRL Datasheet(HTML) 1 Page - Acutechnology Semiconductor

  BQ8211CY-M5-25-TRL Datasheet HTML 1Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 2Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 3Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 4Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 5Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 6Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 7Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 8Page - Acutechnology Semiconductor BQ8211CY-M5-25-TRL Datasheet HTML 9Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.acutechnology.com
BQ8211
BQ8211
Low Dropout
300mA Voltage Regulator
with Enable
Product Specification
Revision 1.3
September 13, 2006
Applications
Graphic cards and PC motherboards
Cell Phones
DVD video player
Replacement for:
LX8211
General Description
The BQ8211 is a low dropout voltage regulator
capable of delivering 300 mA to the load. It is
adjustable and can set a precise voltage from
1.175V to 15V with two external resistors. The
BQ8211 meets all specifications down to 1.175V
output,
unlike
CMOS
LDO’s
which
loose
performance with outputs below 2.25V.
The enable pin provides a remote turn-off for low
power consumption. It draws virtually zero current
while in shutdown mode.
To assure accuracy within 2% over temperature,
the heart of the BQ8211 is a self-correcting
AcuRef™ bandgap reference.
On-chip current limit and thermal shutdown with
hysteresis protects against any combination of
overload and ambient temperature that might
cause the junction temperature to exceed safe
limits.
Features
Low dropout voltage (980mV at 300 mA)
Enable pin implements sequencing
Vout tolerance less than 2 % over
temperature
Featured in the very small SOT-23
package
Stable with low cost 1µF capacitor
Low ground current
Thermal protection with hysteresis
Short circuit protection
RoHS compliant available
Typical Application


Similar Part No. - BQ8211CY-M5-25-TRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ8015 TI1-BQ8015 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBT TI1-BQ8015DBT Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTG4 TI1-BQ8015DBTG4 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTR TI1-BQ8015DBTR Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTRG4 TI1-BQ8015DBTRG4 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
More results

Similar Description - BQ8211CY-M5-25-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com