Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ533CY-M5-AJ-TR Datasheet(PDF) 3 Page - Acutechnology Semiconductor

Part # AQ533CY-M5-AJ-TR
Description  Ultra-Low Dropout 500mA Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ533CY-M5-AJ-TR Datasheet(HTML) 3 Page - Acutechnology Semiconductor

  AQ533CY-M5-AJ-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 6Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 7Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 8Page - Acutechnology Semiconductor AQ533CY-M5-AJ-TR Datasheet HTML 9Page - Acutechnology Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ533
www.acutechnology.com
3
Rev. 1.7 September 13, 2006
Ordering Information
Device
Operating Tj
%Tol
PKG Type
VOUT
Wrap
Ordering Number
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
1.8V
T&R
AQ533CY-M5-18-TR
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
1.8V
T&R
AQ533CY-M5-18-TRL
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
2.5V
T&R
AQ533CY-M5-25-TR
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
2.5V
T&R
AQ533CY-M5-25-TRL
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
3.3V
T&R
AQ533CY-M5-33-TR
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
3.3V
T&R
AQ533CY-M5-33-TRL
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
ADJ
T&R
AQ533CY-M5-AJ-TR
AQ533
0C˚ ≤ 125C˚
1.0
SOT-23-5
ADJ
T&R
AQ533CY-M5-AJ-TRL
Note:
The TRL parts are Lead Free and RoHS compliant.
Absolute Maximum Ratings
Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These stress ratings only, and functional operation of the device at these or any conditions beyond
those indicated under recommended Operating Conditions is not implied. Exposure to “Absolute Maximum
Rating” for extended periods may affect device reliability. Use of standard ESD handling precautions is
required.
Parameter
Value
Units
Maximum VIN
18
Volts
Maximum VENABLE
18
Volts
Power Dissipation (Internally limited)
Maximum Junction Temperature
150
°C
Operating Junction Temperature Range
0 to 125
°C
Storage Temperature Range
-65 to 150
°C
Lead Temperature (Soldering, 4 sec.) SOT- 23-5 package
300
°C
Thermal Management
Thermal Resistance (Junction to Ambient)
Typical
Value
Units
SOT-23-5 (minimum foot print)
220
°C/W
Thermal Resistance (Junction to Ambient)
Typical
Value
Units
SOT-23-5 (Soldered to 1 in
2 1 oz. copper PCB)
170
°C/W


Similar Part No. - AQ533CY-M5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQ5 ETC-AQ5 Datasheet
596Kb / 5P
   Ultra-compact, wide angle system
logo
Acutechnology Semicondu...
AQ504FV-C3-07-TR ACUTECH-AQ504FV-C3-07-TR Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-C3-07-TRL ACUTECH-AQ504FV-C3-07-TRL Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-M3-07-TR ACUTECH-AQ504FV-M3-07-TR Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-M3-07-TRL ACUTECH-AQ504FV-M3-07-TRL Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
More results

Similar Description - AQ533CY-M5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com