Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ1541 Datasheet(PDF) 2 Page - Acutechnology Semiconductor

Part # AQ1541
Description  Low Dropout 1 Amp Voltage Regulator with Enable Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ1541 Datasheet(HTML) 2 Page - Acutechnology Semiconductor

  AQ1541 Datasheet HTML 1Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 2Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 3Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 4Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 5Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 6Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 7Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 8Page - Acutechnology Semiconductor AQ1541 Datasheet HTML 9Page - Acutechnology Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ1541
www.acutechnology.com
2
Rev. 2.2 September 13, 2005
Pin Configuration
Pin Descriptions
Pin Name
Function
VIN
Accepts + VCC
VOUT
Regulated Output
Ground/Adjust
- VCC for fixed option / Adjust pin for adjustable option
ENABLE
Active high, ENABLE > (0.5V + VOUT). Connect to VIN when not in use.
Functional Block Diagram


Similar Part No. - AQ1541

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ15-01FTG LITTELFUSE-AQ15-01FTG Datasheet
2Mb / 7P
   AQxx Series 450W Discrete Unidirectional TVS Diode
AQ15-01FTG LITTELFUSE-AQ15-01FTG Datasheet
718Kb / 7P
   AQxx-01FTG Series 450W Unidirectional TVS Diode
2018 Littelfuse, Inc
AQ15-02HTG LITTELFUSE-AQ15-02HTG Datasheet
1Mb / 8P
   AQxx-02HTG Series 500W TVS Diode Array
2019 Littelfuse, Inc.
logo
Guangdong Youtai Semico...
AQ15-02HTG UMW-AQ15-02HTG Datasheet
844Kb / 7P
   Industrial Equipment
logo
SynQor Worldwide Headqu...
AQ1500IU1TEAIND SYNQOR-AQ1500IU1TEAIND Datasheet
2Mb / 11P
   Industrial Grade AC/DC Power Supply With PFC
More results

Similar Description - AQ1541

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4205 SEMTECH-SC4205 Datasheet
218Kb / 8P
   Very Low Dropout 1 Amp Regulator With Enable
logo
Taiwan Semiconductor Co...
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123 TSC-TS1123_08 Datasheet
189Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC1565 SEMTECH-SC1565 Datasheet
168Kb / 10P
   VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com