Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ432BYM3-12-TRL Datasheet(PDF) 7 Page - Acutechnology Semiconductor

Part # AQ432BYM3-12-TRL
Description  1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ432BYM3-12-TRL Datasheet(HTML) 7 Page - Acutechnology Semiconductor

  AQ432BYM3-12-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ432BYM3-12-TRL Datasheet HTML 7Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Acutechnology Semiconductor Inc.
AQ432
www.acutechnology.com
7
Rev. 1.0
May 15, 2007
Package Dimensions
SC70-3, SC70-4, SC70-5, SC70-6
Contact Information
Acutechnology Semiconductor Inc.
TEL: (408) 259-2300
3487 McKee Rd. Suite 52
FAX: (408) 259-9160
San Jose CA , USA 95127
website: www.acutechnology.com
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However,
Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications
at any time without notification to the customer.
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where
malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are
devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to
perform can be reasonably expected to result in a significant injury to the user.


Similar Part No. - AQ432BYM3-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBY-C3-12-TRL ACUTECH-AQ431LBY-C3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBY-N3-12-TRL ACUTECH-AQ431LBY-N3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBYM3-12-TRL ACUTECH-AQ431LBYM3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBZ-C3-12-TRL ACUTECH-AQ431LBZ-C3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
More results

Similar Description - AQ432BYM3-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431R ACUTECH-AQ431R Datasheet
317Kb / 6P
   2.5V Shunt Ref/Amplifier TO-92 and SOT23 Package
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Acutechnology Semicondu...
AQ201 ACUTECH-AQ201 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com