Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JZC-33FCS5DC5V0.2 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JZC-33FCS5DC5V0.2
Description  Sealed & Unsealed types available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-33FCS5DC5V0.2 Datasheet(HTML) 3 Page - DB Lectro Inc

  JZC-33FCS5DC5V0.2 Datasheet HTML 1Page - DB Lectro Inc JZC-33FCS5DC5V0.2 Datasheet HTML 2Page - DB Lectro Inc JZC-33FCS5DC5V0.2 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
JZC-33F C S 10 DC12V 0.45
1
2
3
4
5
6
20.5
10.6
15.6
JZC-33F
Contact Data
Contact Arrangement
Contact Material
Contact Rating(resistive)
Max. Switching Power
Max. Switching Voltage
Electrical
Mechanical
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
Dash
numbers
Rated
voltage
VDC
Coil
resistance
10%
Pickup
voltage
V(max)
75%of rated
Volt
Release
voltage
VDC(min)
5%of rated
Volt
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
61
03001003510
R50016343
E160644
R
C
US
5A
10A switching capabilities.
Subminiature,standard PC layout.
Sealed & Unsealed types available.
1 Part number JZC-33F
2 Contact arrangement A:1A
C:1C
3 Enclosure
S:Sealed type
Z:Dust cover
4 Contact current 3A,5A,10A
5 Coil rated voltage(V)
DC:3,5,6,9,12,18,24
6 Coil power consumption
0.2:0.2W
0.45:0.45W
Contact Resistance or Voltage drop
1A (SPSTNO)
1C (SPDT (B-M))
Ag Silver Alloy
1A:5A/250VAC,30VDC;10A/125VAC
1C:NO:5A/250VAC,30VDC;10A/125VAC
NC:3A,5A/250VAC,30VDC
Motor load:1/4HP 250VAC
Lamp load:TV-5
150W
1250VA
30VDC 277VAC
Max.Switching Current:10A
100m
(1A/24VDC)
Item 3.12 of IEC255-7
5
10
Item 3.30 of IEC255-7
7
10
Item 3.31 of IEC255-7
Operation
life
al
Coil power
consumption
W
003-200
005-200
006-200
009-200
012-200
018-200
024-200
003-450
005-450
006-450
009-450
012-450
018-450
024-450
3
5
6
9
12
18
24
3
5
6
9
12
18
24
3.3
5.5
6.6
9.9
13.2
19.8
26.4
3.3
5.5
6.6
9.9
13.2
19.8
26.4
45
125
180
405
720
1620
2880
20
56
80
180
320
720
1280
2.25
3.75
4.50
6.75
9.00
13.5
18.0
2.25
3.75
4.50
6.75
9.00
13.5
18.0
0.15
0.25
0.30
0.45
0.60
0.90
1.20
0.15
0.25
0.30
0.45
0.60
0.90
1.20
0.45
8
5
0.20
8
5
Operation condition
50Hz 1000V
Item 6 of IEC255-5
50Hz 4000V
Item 6 of IEC255-5
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
2
Shock resistance
100m/s 11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
Relative Humidity
9 5% (at 35
)
IEC68-2-3Test Ca
Mass
7g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
JZC-33F
Safety approval
UL & CUR
T V
CQC
10A/125VAC 5A/250VAC
1/4HP 250VAC TV-5
Load
5A/250VAC,28VDC
5A/250VAC
Safety approvals
Mounting (Bottom view)
1A
1C
Dimensions
Wiring diagram
(Bottom view)
20.5
10.6
1.45
5-0.8
0.3
10.16
7.62
5- 1.3
2.54
10.16
7.62
4- 1.3
1C
1A
U
4.2A/277VAC1/4HP 277VAC
277VAC 240VAC 120VAC
20.5
10.6
1.45
5-0.8
0.3
Dimensions
mm /inch
0.807
0.417
0.057
0.031
0.012
0.400
0.300
0.1
0.051
0.051
0.400
0.300
0.057
0.031
0.012
0.807
0.417
Ningbo Huaguan Relay Corporation LTD.


Similar Part No. - JZC-33FCS5DC5V0.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
   5A 10A switching capabilities
More results

Similar Description - JZC-33FCS5DC5V0.2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12MB-NR FUJITSU-VS-12MB-NR Datasheet
581Kb / 10P
   Standard and high sensitivity types available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
   Epoxy sealed available
logo
List of Unclassifed Man...
JBXFD1G05MCSDSMR ETC2-JBXFD1G05MCSDSMR Datasheet
4Mb / 44P
   Sealed and Unsealed Push-Pull Connectors
logo
NTE Electronics
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
logo
TE Connectivity Ltd
T9A TEC-T9A Datasheet
736Kb / 4P
   Plastic sealed case available
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
logo
TE Connectivity Ltd
T9A-2X TEC-T9A-2X Datasheet
592Kb / 3P
   Plastic sealed case available
logo
NTE Electronics
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com