Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-54WA20DC110VCB Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JQX-54WA20DC110VCB
Description  Used in household appliances like air conditioning , heater and instruments etc
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-54WA20DC110VCB Datasheet(HTML) 1 Page - DB Lectro Inc

  JQX-54WA20DC110VCB Datasheet HTML 1Page - DB Lectro Inc JQX-54WA20DC110VCB Datasheet HTML 2Page - DB Lectro Inc JQX-54WA20DC110VCB Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - JQX-54WA20DC110VCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-54FE ETC1-JQX-54FE Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
logo
DB Lectro Inc
JQX-54FE DBLECTRO-JQX-54FE Datasheet
402Kb / 3P
   Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.
logo
List of Unclassifed Man...
JQX-54FE/12H3NIL ETC1-JQX-54FE/12H3NIL Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-54FE/12H3T ETC1-JQX-54FE/12H3T Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-54FE/24H3NIL ETC1-JQX-54FE/24H3NIL Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-54WA20DC110VCB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-102F DBLECTRO-JQX-102F_05 Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-62F DBLECTRO-JQX-62F Datasheet
361Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com