Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQC-4CAS40 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JQC-4CAS40
Description  Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQC-4CAS40 Datasheet(HTML) 1 Page - DB Lectro Inc

  JQC-4CAS40 Datasheet HTML 1Page - DB Lectro Inc JQC-4CAS40 Datasheet HTML 2Page - DB Lectro Inc JQC-4CAS40 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - JQC-4CAS40

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4CO15DC6V1.6 DBLECTRO-JQC-4CO15DC6V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC6V1.9 DBLECTRO-JQC-4CO15DC6V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC9V1.6 DBLECTRO-JQC-4CO15DC9V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC9V1.9 DBLECTRO-JQC-4CO15DC9V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO30DC6V1.6 DBLECTRO-JQC-4CO30DC6V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
More results

Similar Description - JQC-4CAS40

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4 DBLECTRO-JQC-4 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
logo
HuaXinAn Electronics CO...
4120A HUAXINAN-4120A Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
4120C HUAXINAN-4120C Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
Advanced Power Electron...
AP2611GYT-HF A-POWER-AP2611GYT-HF Datasheet
56Kb / 4P
   Capable of 2.5V Gate Drive, Small Size & Lower Profile
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com