Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-62FAZ20CDC6V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQX-62FAZ20CDC6V
Description  Used in household appliances like air conditioning , heater and instruments etc.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-62FAZ20CDC6V Datasheet(HTML) 2 Page - DB Lectro Inc

  JQX-62FAZ20CDC6V Datasheet HTML 1Page - DB Lectro Inc JQX-62FAZ20CDC6V Datasheet HTML 2Page - DB Lectro Inc JQX-62FAZ20CDC6V Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Can be welded directly onto PCB.
Used in household appliances like air conditioning , heater and instruments etc.
JQX-62F A
Z
20 C DC12V
1
2
3
4
5
6
Ordering Information
Contact Data
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
Release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
29
12.6
24.5
1 Part number
JQX-62F
2 Contact arrangement
A:1A
3 Enclosure
Z: Dust cover
4 Contact rating
20A/125VAC 16A/250VAC 24VDC
5 Contact material
C:AgCdO
NIL:AgSnO
2
6 Coil rated voltage(V)
DC:5,6,9,12,18,24,48
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
AgCd
Contact Rating
resistive
20A/125VAC 16A/250VAC
24VDC
Max. Switching Power
385W 4000VA
Min. Switching Current 10mA/5V
Max. Switching Voltage
30VDC 277VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation life
Electrical
10
Item 3.30 of IEC255-7
7
Mechanical
10
Item 3.31 of IEC255-7
R50007462
Coil
current
mA
005-540
5
6.5
108
46
3.75
0.25
006-540
6
7.8
90
67
4.50
0.30
009-540
9
11.7
60
150
6.75
0.45
012-540
12
15.6
44.4
270
9.00
0.60
018-540
18
23.4
30
600
13.5
0.90
024-540
24
31.2
21.8
1100
18.0
1.20
048-540
48
62.4
11.3
4267
36.0
2.40
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not recommended
for subsequent use in law level applications.
JQX- 62F
Features
0.54
20
10
03001003505
R
E158859
C
US
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
2
Shock resistance
Functional
100m/s
11ms
2
Survival
1000m/s
11ms
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N 8N
IEC68-2-21 Test Ua1 and Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-30~70
Relative Humidity
20%~85% (at 40
)
IEC68-2-3Test Ca
Mass
15g
50Hz 1000V
Item 6 of IEC255-5
50Hz 5000V
Item 6 of IEC255-5
surge voltage:10kV
Item 8 of IEC255-5
IEC68-2-27 Test Ea
Safety approvals
Safety approval
T V
Load
16A/250VAC 24VDC
116
JQX- 62F
UL&CUR
20A/125VAC
16A/250VAC,30VDC
CQC
16A/250VAC
29max.
2.35
2-0.5
6.73
4- 1.2
1
2-0.6
2-0.5
3.5
20
3.6
5.7
4.75
1.55
2-1
7.6
12.6max.
2- 1.2
20
3.5
2- 1.5
U
mm /inch
1.142max.
0.091
0.244
0.020
0.061
0.187
0.224
0.039
0.299
0.496max.
0.142
0.787
0.138
0.023
0.047
0.039
0.020
0.787
0.138
0.047
0.059
Ningbo Forward Relay Corporation LTD.
NHG RELAYS


Similar Part No. - JQX-62FAZ20CDC6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-62F ETC1-JQX-62F Datasheet
63Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-62F/0051HF ETC1-JQX-62F/0051HF Datasheet
63Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-62F/0051HNIL ETC1-JQX-62F/0051HNIL Datasheet
63Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-62F/0061HF ETC1-JQX-62F/0061HF Datasheet
63Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-62F/0061HNIL ETC1-JQX-62F/0061HNIL Datasheet
63Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-62FAZ20CDC6V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-102F DBLECTRO-JQX-102F_05 Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-54W DBLECTRO-JQX-54W Datasheet
377Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com