Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-54FEAZ250BDC12VC Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQX-54FEAZ250BDC12VC
Description  Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-54FEAZ250BDC12VC Datasheet(HTML) 3 Page - DB Lectro Inc

  JQX-54FEAZ250BDC12VC Datasheet HTML 1Page - DB Lectro Inc JQX-54FEAZ250BDC12VC Datasheet HTML 2Page - DB Lectro Inc JQX-54FEAZ250BDC12VC Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Can be welded directly onto PCB.
Used in household appliances like air conditioning , heater and instruments etc.
Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.
JQX-54FE A
Z
25 b
DC12V C 0.9
1
2
3
4
5
6
7
8
Ordering Information
Contact Data
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release
voltage
VDC(min)
(5% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
JQX- 54FE
30.4
16.0
26.0
26.5
1 Part number
JQX-54FE
2 Contact arrangement
A:1A
3 Enclosure
Z: Dust cover
4 Contact rating
Resistive:25A/250VAC 20A/277VAC
Inductive:20A/250VAC cos
=0.4
5 Terminal
b:PC type
NIL:PC type and QC type
6 Coil rated voltage(V)
DC:6,9,12,24,48
7 Contact material
C:AgCdO
NIL:AgSnO
2
8 Coil power consumption
0.9:0.9W
Rated
current
mA
03001003506
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
Contact Rating
Resistive: 25A/250VAC, 20A/277VAC
Inductive :20A/250VAC,cos =0.4
Max. Switching Power
6380VA
Max. Switching Voltage
300VAC
Max. Switching Current:25A rushing current:70A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
AgCdO
006-900
6
7.8
150
40
4.5
0.3
009-900
9
11.7
100
90
6.7
0.5
012-900
12
15.6
75
160
9.0
0.6
024-900
24
31.2
37.8
640
18
1.2
048-900
48
62.4
18.8
2560
36
2.4
0.9
20
10
E160644
R50016343
Features
109
R
C
US
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Dimensions
Mounting (Bottom view)
Wiring diagram (Bottom view)
50Hz 1000V
Item 6 of IEC255-5
50Hz 5000V
Item 6 of IEC255-5
surge voltage:10kV
Item 8 of IEC255-5
IEC68-2-27 Test Ea
Safety approvals
Safety approval
T V
CQC
Load
25A/250VAC 20A/250VAC COS
=0.4
25A/250VAC
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
2
Shock resistance
Functional:100m/s
11ms
2
Survival:1000 m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
Double amplitude Functional 1.5mm
IEC68-2-6 Test Fc
Double amplitude Survival 2.0mm
IEC68-2-6 Test Fc
Terminals strength
10N 8N
IEC68-2-21 Test Ua1 and Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-30~70
Relative Humidity
20~85%
IEC68-2-3Test Ca
Mass
28g
JQX- 54FE
30.4max.
0.8
11.8
12
1.5
0.8
1.4
2-1.5
1.6
8.4
6.3
1.8
0.3
1.8
16max.
2- 1.8
27.6
1.4
2- 1.6
22
30.4
5.2
11.8
12
0.8
3
0.8
1.5
0.3
1.6
U
UL&CUR
25A/250VAC 20A/277VAC
1.5HP250VAC
mm /inch
1.197max.
0.031
0.465 0.472
0.059
0.071
0.248
0.331
0.012
0.071
0.630max.
0.055
0.059
0.063
0.031
1.087
0.055
0.866
0.205
1.197
0.071
0.063
0.031
0.059
0.063
0.012
0.472
0.465
0.118
0.031
Ningbo Huaguan Relay Corporation LTD.


Similar Part No. - JQX-54FEAZ250BDC12VC

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JQX-54FEA HUAXINAN-JQX-54FEA Datasheet
408Kb / 1P
   Can be welded directly onto PCB
More results

Similar Description - JQX-54FEAZ250BDC12VC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVX6012PBF IRF-PVX6012PBF_15 Datasheet
218Kb / 5P
   High load current capacity
logo
Nais(Matsushita Electri...
JM1AN NAIS-JM1AN Datasheet
120Kb / 4P
   COMPACT POWER RELAY FOR INDUCTIVE LOAD
logo
List of Unclassifed Man...
MHP-TA15-9-72 ETC2-MHP-TA15-9-72 Datasheet
348Kb / 6P
   Two levels of current carrying capacity:
logo
Shanghai Leiditech Elec...
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
CIT Relay & Switch
WJ110 CIT-WJ110 Datasheet
145Kb / 2P
   Load capacity of up to 15A
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
Central Semiconductor C...
CMPD5001 CENTRAL-CMPD5001 Datasheet
79Kb / 2P
   HIGH CURRENT INDUCTIVE LOAD SWITCHING DIODE
logo
Fujitsu Component Limit...
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com