Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ120DY-C5-AJ-TR Datasheet(PDF) 2 Page - Acutechnology Semiconductor

Part # AQ120DY-C5-AJ-TR
Description  Battery Charger Controller SOT23-5 and SC70-5 Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ120DY-C5-AJ-TR Datasheet(HTML) 2 Page - Acutechnology Semiconductor

  AQ120DY-C5-AJ-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 6Page - Acutechnology Semiconductor AQ120DY-C5-AJ-TR Datasheet HTML 7Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Acutechnology Semiconductor Inc.
AQ120
www.acutechnology.com
2
Rev. 1.8 April 1, 2006
Typical Application
Note: The values of R1and R2 set the charge voltage (up to three Li-Ion cells is possible). The value of R3 sets
the charge current.
Pin Descriptions
Pin
Pin Name
Function
1
DRIVE
Output of error amplifier. 25 mA sink capability
2
GND
Ground
3
IPROG
Current programming pin, has a threshold of 200 mV.
4
VCC
Positive supply
5
VREF
Voltage programming pin; has a threshold of 1.25V.
Ordering Information
Device
Operating Tj
%Tol
Pkg Type
VOUT
Wrap
Order Number
AQ120
-20C˚ ≤ 105C˚
1.0
SOT-23-5
1.25V
T&R
AQ120DY-M5-AJ-TR
AQ120
-20C˚ ≤ 105C˚
1.0
SOT-23-5
1.25V
T&R
AQ120DY-M5-AJ-TRL
AQ120
-20C˚ ≤ 105C˚
1.0
SC70-5
1.25V
T&R
AQ120DY-C5-AJ-TR
AQ120
-20C˚ ≤ 105C˚
1.0
SC70-5
1.25V
T&R
AQ120DY-C5-AJ-TRL
Note:
The TRL parts are Lead Free and RoHS compliant.


Similar Part No. - AQ120DY-C5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ120 ACUTECH-AQ120 Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Littelfuse
AQ1205-01ETG LITTELFUSE-AQ1205-01ETG Datasheet
666Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
2022 Littelfuse, Inc.
AQ1205-01FTG LITTELFUSE-AQ1205-01FTG Datasheet
679Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose ESD Protection
2022 Littelfuse, Inc
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
AQ120EX-M5-AJ-TR ACUTECH-AQ120EX-M5-AJ-TR Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
More results

Similar Description - AQ120DY-C5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G86 UMW-SN74LVC1G86 Datasheet
813Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G17 UMW-SN74LVC1G17 Datasheet
718Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com