Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-102FAZ20BDC48C0.9 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQX-102FAZ20BDC48C0.9
Description  Used in household appliances like air conditioning , heater and instruments etc
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-102FAZ20BDC48C0.9 Datasheet(HTML) 3 Page - DB Lectro Inc

  JQX-102FAZ20BDC48C0.9 Datasheet HTML 1Page - DB Lectro Inc JQX-102FAZ20BDC48C0.9 Datasheet HTML 2Page - DB Lectro Inc JQX-102FAZ20BDC48C0.9 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
30.5
16.0
23.5 30.5
16.0
26.5
Can be welded directly onto PCB.
Used in household appliances like air conditioning , heater and instruments etc.
Ordering Information
JQX-102F A
Z 20
b DC12V C 0.9
1
2
3
4
5
6
7
8
1 Part number
JQX-102F
2 Contact arrangement
A:1A
3 Enclosure
Z: Dust cover
4 Contact rating
Resistive:20A/250VAC
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
Coil Parameter
JQX- 102F
Contact Data
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
AgCd
Contact Rating( Resistive)
20A/250VAC
Max. Switching Power
5000VA
Max. Switching Voltage
300VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
30m
(at 1A/14VDC)
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
6
life
Mechanical
2
10
Item 3.31 of IEC255-7
Rated
Max.
Pick up
voltage
VDC(max)
(70% of rated
voltage )
Release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
5 Terminal
b:PC type
NIL:PC type and QC type
6 Coil rated voltage(V)
DC:5,12,24,48
7 Contact material
C:AgCdO
NIL:AgSnO
2
8 Coil power consumption
0.9:0.9W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-900
5
6
27.8
3.5
0.5
012-900
12
14.4
160
8.4
1.2
024-900
24
28.8
640
16.8
2.4
048-500
48
57.6
2560
33.6
4.8
0.9
20
10
R2133344
03001003507
Features
113
R
E158859
C
US
Dimensions
Dimensions
Wiring diagram
(Bottom view)
Mounting (Bottom view)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Safety approvals
Safety approval
T V
CQC
Load
20A/250VAC COS =0.9
20A/250VAC
IEC68-2-27 Test Ea
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1500V
Item 6 of IEC255-5
Between contact and coil
50Hz 4500V
Item 6 of IEC255-5
Surge voltage:10kV
Item 8 of IEC255-5
2
Shock resistance
Functional:200m/s
11ms
2
Survival:1000 m/s
11ms
Vibration resistance
10~55Hz
double amplitude Functional 1.5mm
IEC68-2-6 Test Fc
double amplitude Survival 2.0mm
IEC68-2-6 Test Fc
Terminals strength
10N 8N
IEC68-2-21 Test Ua1 and Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
23g
JQX- 102F
UL&CUR
20A/250VAC
8.4
18.4
6.2
6.3
1.8
1.4
2-1.5
0.3
0.8
30.5max.
0.3
0.8
1.8
1.4
2-1.5
0.8
30.5max.
2-1.5
0.3
0.8
9.4
0.3
1.8
16max.
2-1.5
0.8
4
3
10.2 8.3
27.6
1.4
4- 1.8
5.2
22
4
1
3
2
NO
COM
U
mm /inch
0.244
0.059
0.031
0.071
0.012
0.244
0.031
1.201max.
0.059
0.012
0.055
0.071
0.331
0.724
0.248
0.055
0.059
0.012
1.201max.
0.031
0.059
0.031
0.071
0.630max.
0.012
0.370
0.402 0.327
1.087
0.055
0.866
0.205
0.071
Ningbo Huaguan Relay Corporation LTD.


Similar Part No. - JQX-102FAZ20BDC48C0.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-102FAZ20BDC48V0.9 DBLECTRO-JQX-102FAZ20BDC48V0.9 Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
More results

Similar Description - JQX-102FAZ20BDC48C0.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-54W DBLECTRO-JQX-54W Datasheet
377Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-62F DBLECTRO-JQX-62F Datasheet
361Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com