Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQC-4CCS15 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQC-4CCS15
Description  Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQC-4CCS15 Datasheet(HTML) 3 Page - DB Lectro Inc

  JQC-4CCS15 Datasheet HTML 1Page - DB Lectro Inc JQC-4CCS15 Datasheet HTML 2Page - DB Lectro Inc JQC-4CCS15 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
JQC-4 C Z 30 DC12V
1.6
Coil power consumtion:1.6:1.6W,1.9:1.9W
Coil rated DC Voltage
6V,9V,12V,18V, 24V
Contact
current
15:15A、30:30A、40:40A
S:Sealed type,Z: Dust Cover, O: Open type
Contact
Arrangement
A:1A、B:1B、C:1C
Part number:JQC-4(4120)
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
Wiring diagram(Bottom views)
Dimensions
USA
European
Mounting (Bottom views)
mm
>àçÇá
0.4
0.016
0.8
0.031
1.0
0.039
1.3
0.051
1.4
0.055
2.0
0.079
2.1
0.083
2.2
0.087
2.28
0.090
2.5
0.098
2.6
0.106
3.3
0.130
3.5
0.138
3.78
0.149
4.0
0.157
4.5
0.173
5.35
0.210
5.9
0.232
9.09
0.358
10.1
0.398
12.2
0.480
13.2
0.520
14.8
0.583
15.9
0.626
19
0.748
20
0.787
21.5
0.846
22.3
0.878
24
0.945
26.8
1.055
Ningbo Huaguan Relay Corporation Ltd
.


Similar Part No. - JQC-4CCS15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4CO15DC6V1.6 DBLECTRO-JQC-4CO15DC6V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC6V1.9 DBLECTRO-JQC-4CO15DC6V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC9V1.6 DBLECTRO-JQC-4CO15DC9V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO15DC9V1.9 DBLECTRO-JQC-4CO15DC9V1.9 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
JQC-4CO30DC6V1.6 DBLECTRO-JQC-4CO30DC6V1.6 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
More results

Similar Description - JQC-4CCS15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4 DBLECTRO-JQC-4 Datasheet
332Kb / 2P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
logo
HuaXinAn Electronics CO...
4120A HUAXINAN-4120A Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
4120C HUAXINAN-4120C Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
Advanced Power Electron...
AP2611GYT-HF A-POWER-AP2611GYT-HF Datasheet
56Kb / 4P
   Capable of 2.5V Gate Drive, Small Size & Lower Profile
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com