Part Name
         Description
KB4054

 Li-Ion Battery Charger ( 15 Page)


KINGBOR
100% 
Zoom Out Zoom In
 
 4 page
background image
4
TEMPERATURE (
°C)
–50
3.7
3.5
3.3
3.1
2.9
2.7
2.5
25
75
–25
0
50
100
125
VPROG (V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
VPROG (V)
2.0
5.0
3.0
4.0
0
–50
–100
–150
–200
–250
–300
–350
–400
2.5
3.5
4.5
5.5
TEMPERATURE (
°C)
–50
100
050
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
–25
25
75
4.215
4.210
4.205
4.200
4.195
4.190
4.185
IBAT (mA)
0
100
200
300
400
500
700
600
VCC (V)
4.0
4.215
4.210
4.205
4.200
4.195
4.190
4.185
4.5
5.0
5.5
6.0
6.5
7.0
TEMPERATURE (
°C)
–50
100
050
20
18
16
14
12
10
8
6
4
–25
25
75
125
0
22
20
18
16
14
12
10
8
35
12
46
7
VCHRG (V)
0
25
20
15
10
5
0
2
4
5
1
3
6
7
VBAT = 4.3V
VPROG = 0V
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 6.5V
VCC = 4.2V
VCC = 5V
TA = 25°C
RPROG = 1.25k
VCC = 5V
RPROG = 10k
TA = 25°C
RPROG = 10k
VCC = 5V
VBAT = 4V
TA = 25°C
VCC = 5V
VBAT = 4.3V
TA = 25°C
VCC = 5V
VBAT = 4V
VCHRG = 1V
VCHRG (V)
PROG Pin Pull-Up Current vs
Temperature and Supply Voltage
PROG Pin Current vs PROG Pin
Voltage (Pull-Up Current)
PROG Pin Current vs PROG Pin
Voltage (Clamp Current)
Regulated Output (Float) Voltage
vs Charge Current
Regulated Output (Float) Voltage
vs Temperature
Regulated Output (Float) Voltage
vs Supply Voltage
CHRG Pin I-V Curve
(Strong Pull-Down State)
CHRG Pin Current vs Temperature
(Strong Pull-Down State)
CHRG Pin I-V Curve
(Weak Pull-Down State)
KB4054
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC4062Standalone Linear Li-Ion Battery Charger with Micropower Comparator 1 2 3 4 5 MoreLinear Technology
ISL9201Li-ion Battery Charger 1 2 3 4 5 MoreIntersil Corporation
LTC4065Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN 1 2 3 4 5 MoreLinear Technology
ADP3808High Efficiency Switch Mode Li-Ion Battery Charger 1 2 3 4 5 MoreAnalog Devices
LTC4061-4Standalone Linear Li-Ion Battery Charger with Thermistor Input 1 2 3 4 5 MoreLinear Technology
SI9731UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries 1 2 3 4 5 MoreVishay Siliconix
LX2203Li-Ion Battery Charger 1 2 3 4 5 MoreMicrosemi Corporation
LX2203ALi-Ion Battery Charger 1 2 3 4 5 MoreMicrosemi Corporation
LX22051A Li-Ion Battery Charger with Power Source Management 1 2 3 4 5 MoreMicrosemi Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl