Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP93PW20A Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP93PW20A
Description  CMOS 16-Bit Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93PW20A Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP93PW20A Datasheet HTML 4Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 5Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 6Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 7Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 8Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 9Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 10Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 11Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TMP93PW20A
2004-02-10
93PW20A-6
Table 2.2.1 Name and Function in MCU Mode (2/3)
Pin Names
Number
of Pins
I/O
Functions
P60
SCK
1
I/O
I/O
Port 60: I/O port.
Clock I/O pin in SIO mode of the serial bus interface.
P61
SO
SDA
1
I/O
Output
I/O
Port 61: I/O port (with programmable open drain).
Data send channel in SIO mode of the serial bus interface.
Data I/O pin in I
2C bus mode of the serial bus interface.
P62
SI
SCL
1
I/O
Input
I/O
Port 62: I/O port (with programmable open drain).
Data receive channel in SIO mode of the serial bus interface.
Clock I/O pin in I2C bus mode of the serial bus interface.
P63
TXD0
1
I/O
Output
Port 63: I/O port (with programmable open drain).
Serial send data 0.
P64
RXD0
1
I/O
Input
Port 64: I/O port.
Serial receive data 0.
P65
SCLK0
CTS0
1
I/O
I/O
Input
Port 65: I/O port.
Serial clock I/O 0.
Serial data send enable 0 (Clear to send).
P66
TI0
INT7
1
I/O
Input
Input
Port 66: I/O port.
Timer input 0: 8-bit timer 0 input.
Interrupt request pin 7: Interrupt request pin with programmable rising/falling
edge.
P67
TO1
1
I/O
Output
Port 67: I/O port.
Timer output1: 8-bit timer 0 or timer 1 output.
P70
TI8
INT8
1
I/O
Input
Input
Port 70: I/O port (with pull-up resistor).
Timer input 8: 16-bit timer 8 input.
Interrupt request pin 8: Interrupt request pin with programmable rising/falling
edge.
P71
TI9
INT9
1
I/O
Input
Input
Port 71: I/O port (with pull-up resistor).
Timer input 9: 16-bit timer 8 input.
Interrupt request pin 9: Interrupt request pin with rising edge.
P72
TO8
1
I/O
Output
Port 72: I/O port (with pull-up resistor).
Timer output 8: 16-bit timer 8 output.
P73
SCOUT
1
I/O
Output
Port 73: I/O port (with pull-up resistor).
System clock output: System clock or double system clock output to be
synchronized with the external circuit.
P74
TIA
INTA
1
I/O
Input
Input
Port 74: I/O port (with pull-up resistor).
Timer input A: 16-bit timer A input.
Interrupt request pin A: Interrupt request pin with programmable rising/falling
edge.
P75
TIB
INTB
1
I/O
Input
Input
Port 75: I/O port (with pull-up resistor).
Timer input B: 16-bit timer B input.
Interrupt request pin B: Interrupt request pin with rising edge.
P76
TOA
1
I/O
Output
Port 76: I/O port (with pull-up resistor).
Timer output A: 16-bit timer A output.
P77
NMI
1
I/O
Input
Port 77: I/O port (with pull-up resistor).
Non-maskable interrupt request pin: Interrupt request pin with programmable
falling edge or both edges.
P80
TXD1
1
I/O
Output
Port 80: I/O port (with programmable open drain).
Serial send data 1.
P81
RXD1
1
I/O
Input
Port 81: I/O port (with programmable open drain).
Serial receive data 1.
P82
TI2
1
I/O
Input
Port 82: I/O port (with programmable open drain).
Timer input 2: 8-bit timer 2 input pin.
P83
TO3
1
I/O
Output
Port 83: I/O port (with programmable open drain).
Timer output 3: 8-bit timer 2, 3 output pin.
P84
WAIT
1
I/O
Input
Port 84: I/O port (with programmable open drain).
Wait: Pin used to request CPU bus wait.


Similar Part No. - TMP93PW20A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93PW20AF TOSHIBA-TMP93PW20AF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP93PW20A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93CS44 TOSHIBA-TMP93CS44 Datasheet
1Mb / 224P
   CMOS 16-Bit Microcontroller
TMP93CW44 TOSHIBA-TMP93CW44 Datasheet
250Kb / 22P
   CMOS 16-Bit Microcontroller
TMP93CW46A TOSHIBA-TMP93CW46A Datasheet
1Mb / 242P
   CMOS 16-Bit Microcontroller
logo
OKI electronic componet...
MSM66591 OKI-MSM66591 Datasheet
2Mb / 466P
   CMOS 16-bit microcontroller
logo
Toshiba Semiconductor
TMP93CS36 TOSHIBA-TMP93CS36 Datasheet
6Mb / 156P
   CMOS 16-BIT MICROCONTROLLER
TMP93PS40 TOSHIBA-TMP93PS40 Datasheet
363Kb / 32P
   CMOS 16-Bit Microcontroller
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
   CMOS 16-Bit Microcontroller
TMP93PW46A TOSHIBA-TMP93PW46A Datasheet
325Kb / 28P
   CMOS 16-Bit Microcontroller
TMP95C001 TOSHIBA-TMP95C001 Datasheet
3Mb / 66P
   CMOS 16-BIT MICROCONTROLLER
TMP95PW64 TOSHIBA-TMP95PW64 Datasheet
1Mb / 28P
   CMOS 16-BIT Microcontroller
TMP93CS40 TOSHIBA-TMP93CS40 Datasheet
1Mb / 248P
   CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com