Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP93PW20A Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP93PW20A
Description  CMOS 16-Bit Microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93PW20A Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP93PW20A Datasheet HTML 3Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 4Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 5Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 6Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 7Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 8Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 9Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 10Page - Toshiba Semiconductor TMP93PW20A Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TMP93PW20A
2004-02-10
93PW20A-5
2.2
Pin Names and Functions
The TMP93PW20A has MCU mode and PROM mode.
(1) Pin functions of TMP93PW20A in MCU mode.
Table 2.2.1 Name and Function in MCU Mode (1/3)
Pin Names
Number
of Pins
I/O
Functions
P00 to P07
AD0 to AD7
8
I/O
I/O
Port 0: I/O port that allows I/O to be selected at the bit level.
Address and data (lower): Bits 0 to 7 for address and data bus.
P10 to P17
AD8 to AD15
A8 to A15
8
I/O
I/O
Output
Port 1: I/O port that allows I/O to be selected at the bit level.
Address and data (Upper): Bits 8 to 15 for address and data bus.
Address: Bits 8 to 15 for address bus.
P20 to P27
A0 to A7
A16 to A23
8
I/O
Output
Output
Port 2: I/O port that allows I/O to be selected at the bit level (with pull-up resistor).
Address: Bits 0 to 7 for address bus.
Address: Bits 16 to 23 for address bus.
P30
RD
1
Output
Output
Port 30: Output port.
Read: Strobe signal for reading external memory.
(Read when reading internal memory at P3<P30>
= 0, P3FC<P30F> = 1.)
P31
WR
1
Output
Output
Port 31: Output port.
Write: Strobe signal for writing data on pins AD0 to AD7.
P32
HWR
1
I/O
Output
Port 32: I/O port (with pull-up resistor).
High write: Strobe signal for writing data on pins AD8 to AD15.
P33
INT0
1
I/O
Input
Port 33: I/O port (with pull-up resistor).
Interrupt request pin 0: Interrupt request pin with programmable
level/rising/falling edge.
P34
INT1
1
I/O
Input
Port 34: I/O port (with pull-up resistor).
Interrupt request pin 1: Interrupt request pin with programmable rising/falling
edge.
P35
INT2
1
I/O
Input
Port 35: I/O port (with pull-up resistor).
Interrupt request pin 2: Interrupt request pin with programmable rising/falling
edge.
P36
INT3
1
I/O
Input
Port 36: I/O port (with pull-up resistor).
Interrupt request pin 3: Interrupt request pin with programmable rising/falling
edge.
P37
INT4
ADTRG
1
I/O
Input
Input
Port 37: I/O port (with pull-up resistor).
Interrupt request pin 4: Interrupt request pin with programmable rising/falling
edge.
ADTRG Input AD external trigger pin: External trigger pin to start AD conversion.
P40
TI4
KEY0
1
I/O
Input
Input
Port 40: I/O port (with pull-up resistor).
Timer input 4: 16-bit timer 4 input.
Key input 0: Key-on wakeup pin 0.
P41
TO4
KEY1
1
I/O
Output
Input
Port 41: I/O port (with pull-up resistor).
Timer output 4: 16-bit timer 4 output.
Key input 1: Key-on wakeup pin 1.
P42
TI6
KEY2
1
I/O
Input
Input
Port 42: I/O port (with pull-up resistor).
Timer input 6: 16-bit timer 6 input.
Key input 2: Key-on wakeup pin 2.
P43
TO6
KEY3
1
I/O
Output
Input
Port 43: I/O port (with pull-up resistor).
Timer output 6: 16-bit timer 6 output.
Key input 3: Key-on wakeup pin 3.
P44 to P47
KEY4 to KEY7
4
I/O
Input
Port 44 to 47: I/O port (with pull-up resistor).
Key input 4 to 7: Key-on wakeup pin 4 to 7.
P50 to P57
AN0 to AN7
8
Input
Input
Port 50 to 57: Pin used to input port.
Analog input 0 to 7.


Similar Part No. - TMP93PW20A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93PW20AF TOSHIBA-TMP93PW20AF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP93PW20A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93CS44 TOSHIBA-TMP93CS44 Datasheet
1Mb / 224P
   CMOS 16-Bit Microcontroller
TMP93CW44 TOSHIBA-TMP93CW44 Datasheet
250Kb / 22P
   CMOS 16-Bit Microcontroller
TMP93CW46A TOSHIBA-TMP93CW46A Datasheet
1Mb / 242P
   CMOS 16-Bit Microcontroller
logo
OKI electronic componet...
MSM66591 OKI-MSM66591 Datasheet
2Mb / 466P
   CMOS 16-bit microcontroller
logo
Toshiba Semiconductor
TMP93CS36 TOSHIBA-TMP93CS36 Datasheet
6Mb / 156P
   CMOS 16-BIT MICROCONTROLLER
TMP93PS40 TOSHIBA-TMP93PS40 Datasheet
363Kb / 32P
   CMOS 16-Bit Microcontroller
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
   CMOS 16-Bit Microcontroller
TMP93PW46A TOSHIBA-TMP93PW46A Datasheet
325Kb / 28P
   CMOS 16-Bit Microcontroller
TMP95C001 TOSHIBA-TMP95C001 Datasheet
3Mb / 66P
   CMOS 16-BIT MICROCONTROLLER
TMP95PW64 TOSHIBA-TMP95PW64 Datasheet
1Mb / 28P
   CMOS 16-BIT Microcontroller
TMP93CS40 TOSHIBA-TMP93CS40 Datasheet
1Mb / 248P
   CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com