Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB3386 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3386
Description  400mA Buck/Boost Charge Pump LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3386 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3386 Datasheet HTML 1Page - Kingbor Technology Co KB3386 Datasheet HTML 2Page - Kingbor Technology Co KB3386 Datasheet HTML 3Page - Kingbor Technology Co KB3386 Datasheet HTML 4Page - Kingbor Technology Co KB3386 Datasheet HTML 5Page - Kingbor Technology Co KB3386 Datasheet HTML 6Page - Kingbor Technology Co KB3386 Datasheet HTML 7Page - Kingbor Technology Co KB3386 Datasheet HTML 8Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APPLICATIONS
FEATURES
DESCRIPTION
APPLICATION CIRCUIT
1
KB3386
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
■ Output Current up to 400mA
■ Up to 94% Efficiency in Torch Mode
■ Automatic Softstart Limits Inrush Current
■ Adjustable FLASH Mode
■ x1 and x2 Automatic Modes for High Efficiency
■ Minimum External Components: No Inductors
■ High Frequency Operation: 2.4 MHz
■ Low 50mV Reference for low Loss Sensing
■ 1 A Shutdown Current
■ PWM Dimming Control
■ Automatic Switchover Between Buck/Boost
■ Overvoltage Protection on Output
■ Overcurrent/Temerature Protection
■ Low Ripple and EMI
■ Space Saving 10-pin 3mm x 3mm DFN
Package
The KB3386 is a current regulated charge pump ideal for
powering high brightness LEDs for camera flash applications.
The charge pump can be set to regulate two current levels for
FLASH and TORCH modes. The KB3386 automatically switches
modes between step-up and step-down ensuring that
LED current does not depend on the forward voltage. A low
current sense reference voltage (50mV) allows the use
of small 0603 current sensing resistors. The KB3386 is .
offered in 10-pin DFN package.
■ White LED Torch/Flash for Cell
Phones, DSCs, and Camcorders
■ Generic Lighting/Flash/Strobe
Applications
■ White LED Backlighting
Now Available in Lead Free Packaging
KB3386
10 Pin DFN
10
9
8
7
6
VOUT
PGND
SGND
IFB
ISET
1
2
3
4
5
VIN
C1
C2
FLASH
EN
KB3386
ENABLE
TORCH/FLASH
C1
C2
FLASH
FB
PGND
SGND
RSET
VOUT
VIN
2.2 F
(2.7 - 5.5V)
1 F
0.47 F
EN
RSENSE
RSET
CIN
COUT
CFC
VIN
400mA FLASH
106K
0.33
WLED
FB=150mV
400mA Buck/Boost Charge Pump LED Driver
10
9
8
7
6
1
2
3
4
5


Similar Part No. - KB3386

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3301 KINGBOR-KB3301 Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301MR KINGBOR-KB3301MR Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3301PR KINGBOR-KB3301PR Datasheet
97Kb / 5P
   Step-up DC/DC converter
KB3302 KINGBOR-KB3302 Datasheet
248Kb / 17P
   2Amp, 2MHz Step-up Switching regulator with Soft-Start
KB3302DD KINGBOR-KB3302DD Datasheet
248Kb / 17P
   2Amp, 2MHz Step-up Switching regulator with Soft-Start
More results

Similar Description - KB3386

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com