Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RIR-09 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RIR-09
Description  Machine Inertable Type Dip Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RIR-09 Datasheet(HTML) 2 Page - DB Lectro Inc

  RIR-09 Datasheet HTML 1Page - DB Lectro Inc RIR-09 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
PROD NO.
NO. OF POS
DIM A
RI/RIR-01
01
3.48
0.137
RI/RIR-02
02
6.02
0.237
RI/RIR-03
03
8.56
0.337
RI/RIR-04
04
11.1
0.437
RI/RIR-05
05
13.64
0.537
RI/RIR-06
06
16.18
0.637
RI/RIR-07
07
18.72
0.737
RI/RIR-08
08
21.26
0.837
RI/RIR-09
09
23.8
0.937
RI/RIR-10
10
26.34
1.037
RI/RIR-12
12
31.42
1.237
HOW TO ORDER
TERMINAL TYPE
SPECIFICATION
ELECTRICAL
Electrical life: 2000 operation cycles per switch 24VDC, 25mA.
Non-Switching Rating: 100mA, 50 VDC
Switching Rating: 25mA, 24VCD.
Contact resistance: (a) 50mΩ max. at initial
(b) 100mΩ max. after life test.
Insulation resistance: 100MΩ min. (at 500VDC)
Dielectric Strength: 500VAC/1 minute.
Capacitance: 5pF max.
Circuit: Single pole single throw
MECHANICAL
Mechanical life: 2000 operations per cycle switch
Operation Force: 600gf max.
Stroke: 0.9mm
Operation Temp: -25° C to +70° C
Storage Temp: -40° C to +85° C
Vibration Test: MIL-STD-202F METHOD 201A
Frequency: 10-55-10Hz/1 min
Directions: X, Y, Z, three mutually
perpendicular directions.
Time: 2 hours each direction.
High reliability.
Shock Test: MIL-STD-202F METHOD 213B.
CONDITION A
GRAVITY: 50G (peak value), 11 m/sec.
Direction and times: 6 sides and three times in
each direction. High reliability.
SOLDERING AND CLEANING PROCESSES
For best results, please follow these recommendations: Keep all
switch contacts in their "OFF" position for all operations.
WAVE SOLDERING: Recommended solder temperature at 500 F
(260° C) max. 5 seconds.
HAND
SOLDERING:
Use a soldering iron of 30 watts, controlled at
608 F(320° C) approximately 2 seconds while
applying solder.
CLEANING PROCESS: Flux clean using force rinse, high agitation
or triple bath cleaning method. Freon TF
or TE give excellent results. When vapor
methods are used, do not subject the
switch to solvents at temperatures above
125 F (51° C).
Example: RI-08G-S is a Machine Insertable Type Dip Switch,
Raised Actuator 8 position, splay terminal.
PACKING All DIP switches are shipped in standard IC tubes with
all poles in "OFF" position.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - RIR-09

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RIR-09-H DBLECTRO-RIR-09-H Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-09-H-T DBLECTRO-RIR-09-H-T Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-09-S DBLECTRO-RIR-09-S Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RIR-09-S-T DBLECTRO-RIR-09-S-T Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
More results

Similar Description - RIR-09

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RI-01 DBLECTRO-RI-01 Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
logo
Bourns Electronic Solut...
SND BOURNS-SND Datasheet
227Kb / 2P
   DIP Switch (Machine Insertable Type)
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RS-01 DBLECTRO-RS-01 Datasheet
291Kb / 2P
   SLIDE TYPE DIP SWITCH
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
   Piano Type Dip Switch
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
   PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
   DIP Switch (Piano Type)
A6T OMRON-A6T Datasheet
520Kb / 4P
   DIP Switch (Slide Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
   DIP Switch (Piano Type)
logo
DB Lectro Inc
RA-02 DBLECTRO-RA-02 Datasheet
627Kb / 2P
   RIGHT ANGLE TYPE DIP SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com