Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP92CA25FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP92CA25FG
Description  Original CMOS 32-Bit Microcontroller
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92CA25FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP92CA25FG Datasheet HTML 5Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 6Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 7Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 8Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 9Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 10Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 11Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 12Page - Toshiba Semiconductor TMP92CA25FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 426 page
background image
TMP92CA25
2007-02-28
92CA25-7
2.3
Pin Names and Functions
The following table shows the names and functions of the input/output pins
Table 2.3.1 Pin Names and Functions (1/5)
Pin Name
Number of
Pins
I/O
Function
D0 to D7
8
I/O
Data: Data bus 0 to 7
P10 to P17
D8 to D15
8
I/O
I/O
Port 1: I/O port input or output specifiable in units of bits
Data: Data bus 8 to 15
A0 to A7
8
Output
Address: Address bus 0 to 7
A8 to A15
8
Output
Address: Address bus 8 to 15
P60 to P67
A16 to A23
8
I/O
Output
Port 6: I/O port input or output specifiable in units of bits
Address: Address bus 16 to 23
P70
RD
1
Output
Output
Port70: Output port
Read: Outputs strobe signal to read external memory
P71
WRLL
NDRE
1
I/O
Output
Output
Port 71: I/O port
Write: Output strobe signal for writing data on pins D0 to D7
NAND flash read: Outputs strobe signal to read external NAND flash
P72
WRLU
NDWE
1
I/O
Output
Output
Port 72: I/O port
Write: Output strobe signal for writing data on pins D8 to D15
Write Enable for NAND flash
P73
EA24
1
Output
Output
Port 73: Output port
Extended Address 24
P74
EA25
1
Output
Output
Port 74: Output port
Extended Address 25
P75
W
R/
NDR/ B
1
I/O
Output
Input
Port 75: I/O port
Read/Write: 1 represents read or dummy cycle; 0 represents write cycle
NAND flash ready (1)/Busy (0) input
P76
WAIT
1
I/O
Input
Port 76: I/O port
Wait: Signal used to request CPU bus wait


Similar Part No. - TMP92CA25FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
TMP92CD54IF TOSHIBA-TMP92CD54IF Datasheet
3Mb / 343P
   32-bit Micro-controller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
More results

Similar Description - TMP92CA25FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB89537H FUJITSU-MB89537H Datasheet
724Kb / 56P
   8-bit Original Microcontroller CMOS
logo
Toshiba Semiconductor
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com