Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF01901AIDRCTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # BUF01901AIDRCTG4
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF01901AIDRCTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BUF01901AIDRCTG4 Datasheet HTML 6Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 7Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 8Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 9Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 10Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 11Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 12Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 13Page - Texas Instruments BUF01901AIDRCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
www.ti.com
10
DATA RATES
The two-wire bus operates in one of three speed modes:
D Standard: allows a clock frequency of up to 100kHz;
D Fast: allows a clock frequency of up to 400kHz; and
D High-speed mode (or Hs mode): allows a clock
frequency of up to 3.4MHz.
The BUF0190x is fully compatible with all three modes. No
special action is required to use the device in Standard or
Fast modes, but High-speed mode must be activated. To
activate High-speed mode, send a special address byte of
00001xxx, with SCL
≤ 400kHz, following the START condi-
tion; xxx are bits unique to the Hs-capable master, which
can be any value. This byte is called the Hs master code.
(Note that this is different from normal address bytes—the
low bit does not indicate read/write status.) The BUF0190x
will respond to the High-speed command regardless of the
value of these last three bits. The BUF0190x does not ac-
knowledge this byte; the communication protocol prohibits
acknowledgment of the Hs master code. On receiving a
master code, the BUF0190x switches on its Hs mode fil-
ters, and communicates at up to 3.4MHz.
Additional high-speed transfers may be initiated without
resending the Hs mode byte by generating a repeat
START without a STOP. The BUF0190x switches out of Hs
mode with the next STOP condition.
GENERAL CALL RESET AND POWER-UP
The BUF0190x responds to a General Call Reset, which
is an address byte of 00h (0000 0000) followed by a
data byte of 06h (0000 0110). The BUF0190x acknowl-
edges both bytes. Upon receiving a General Call Reset,
the BUF0190x performs a full internal reset, as though it
had been powered off and then on. It always acknowl-
edges
the
General
Call
address
byte
of
00h (0000 0000), but does not acknowledge any General
Call data bytes other than 06h (0000 0110).
The BUF0190x automatically performs a reset upon pow-
er-up. As part of the reset, the BUF0190x is configured for
the output to change to the programmed OTP memory val-
ue, or to mid-scale, ‘1000000000’, if the OTP value has not
been programmed. Table 2 provides a summary of com-
mand codes.
Table 2. Quick-Reference Table of Command
Codes
COMMAND
CODE
General Call Reset
Address byte of 00h followed by a data byte
of 06h.
High-Speed Mode
00001xxx, with SCL
≤ 400kHz; where xxx
are bits unique to the Hs-capable master.
This byte is called the Hs master code.
READ/WRITE OPERATIONS:
Read commands are performed by setting the read/write
bit HIGH. Setting the read/write bit LOW performs a write
transaction.
Figure 17 and Figure 18 show the timing diagrams for read
and write operations.
Writing:
To write to the DAC register:
1.
Send a START condition on the bus.
2.
Send the device address and read/write bit = LOW.
The BUF01900/BUF01901 will acknowledge this
byte.
3.
Send two bytes of data for the DAC register. Begin by
sending the most significant byte (bits D15—D8; only
bits D9 and D8 are used, and D15—D13 must not be
010 or 001), followed by the least significant byte (bits
D7—D0). The register is updated after receiving the
second byte.
4.
Send a STOP condition on the bus.
The BUF0190x acknowledges each data byte. If the mas-
ter terminates communication early by sending a STOP or
START condition on the bus, the DAC output will not up-
date.
Reading:
To read the register of the DAC:
1.
Send a START condition on the bus.
2.
Send the device address and read/write bit = HIGH.
The BUF0190x will acknowledge this byte.
3.
Receive two bytes of data. The first received byte is
the most significant byte (bits D15—D8; only bits D9
and D8 have meaning, and bits D15—D12 will show
the programming status of the OTP memory). See
Table 3. The next byte is the least significant byte (bits
D7—D0).
4.
Acknowledge after receiving the first byte only.
5.
Do not acknowledge the second byte of data or send
a STOP condition on the bus.
Communication may be terminated by the master by
sending a premature STOP or START condition on the
bus, or by not sending the Acknowledge.
Table 3. OTP Memory Status
CODE
(Bits D15 − D12)
OTP PROGRAMMING STATUS
0000
OTP has not been programmed.
0001
OPT has been programmed once.
0011
OTP has programmed twice.
0111
OPT has programmed three times.
1111
OTP has programmed all four times.


Similar Part No. - BUF01901AIDRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF01901AIDRCTG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com