Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF01900AIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BUF01900AIPWR
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF01900AIPWR Datasheet(HTML) 1 Page - Texas Instruments

  BUF01900AIPWR Datasheet HTML 1Page - Texas Instruments BUF01900AIPWR Datasheet HTML 2Page - Texas Instruments BUF01900AIPWR Datasheet HTML 3Page - Texas Instruments BUF01900AIPWR Datasheet HTML 4Page - Texas Instruments BUF01900AIPWR Datasheet HTML 5Page - Texas Instruments BUF01900AIPWR Datasheet HTML 6Page - Texas Instruments BUF01900AIPWR Datasheet HTML 7Page - Texas Instruments BUF01900AIPWR Datasheet HTML 8Page - Texas Instruments BUF01900AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FEATURES
D 10-BIT RESOLUTION
D RAIL-TO-RAIL OUTPUT
D ONBOARD NONVOLATILE MEMORY
D IOUT: 100mA
D LOW SUPPLY CURRENT: 900µA
D SUPPLY VOLTAGE: 7V to 18V
D DIGITAL SUPPLY: 2.0V to 5.5V
D INDUSTRY-STANDARD, TWO-WIRE
INTERFACE
D HIGH ESD RATING:
2kV HBM, 500V CDM
APPLICATIONS
D LCD PANEL VCOM CALIBRATION
D LCD PANEL BRIGHTNESS AND CONTRAST
CONTROL
D POTENTIOMETER REPLACEMENT
D MOTOR DRIVE
D PROGRAMMABLE POWER SUPPLY
D PROGRAMMABLE OFFSET ADJUSTMENT
D ACTUATOR CONTROL
BUF01900, BUF01901 RELATED PRODUCTS
FEATURES
PRODUCT
22V High Supply Voltage Gamma Buffers
BUF11705
12--Channel Programmable Buffer, 10-Bit, VCOM
BUF12800
20-Channel Programmable Buffer, 10-Bit, VCOM
BUF20800
16-Channel Programmable Buffer with Memory
BUF16820
20-Channel Programmable Buffer with Memory
BUF20820
DESCRIPTION
The BUF01900 and BUF01901 provide a programmable
voltage output with 10-bit resolution. Programming of the
output occurs through an industry-standard, two-wire
serial interface. Once the correct VCOM voltage is
established it can easily be stored into the integrated
nonvolatile memory.
An initial output voltage and adjustment range can be set
by an external resistor-divider. With its large output current
capability (up to 100mA), the BUF01900 and BUF01901
are ideally suited as programmable VCOM calibrators in
LCD panels.
The BUF01901 has the digital-to-analog converter (DAC)
output brought out directly. It has a slightly lower cost than
the BUF01900, and works very well with the integrated
VCOM in traditional gamma buffers such as the BUFxx702,
BUFxx703, BUFxx704 and BUF11705.
The BUF01900 and BUF01901 are both available in
TSSOP-8 and 3mm x 3mm DFN-10 packages. The
DFN-10 package (only 0.9mm in height) is especially
well-suited for notebook computers. Both devices are
specified from −40
°C to +85°C.
Analog
7V to 18V
Digital
2V to 5.5V
BIAS
SDA
Input Control Logic
SCL A0
10−Bit
DAC
4x OTP
ROM
Switch
Control
Voltage
Regulator
BUF01900
250k
Buffer
VCOM
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
Programmable Voltage Source
with Memory
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a registered trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - BUF01900AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF01900AIPWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com