Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF01900AIPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BUF01900AIPWR
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF01900AIPWR Datasheet(HTML) 3 Page - Texas Instruments

  BUF01900AIPWR Datasheet HTML 1Page - Texas Instruments BUF01900AIPWR Datasheet HTML 2Page - Texas Instruments BUF01900AIPWR Datasheet HTML 3Page - Texas Instruments BUF01900AIPWR Datasheet HTML 4Page - Texas Instruments BUF01900AIPWR Datasheet HTML 5Page - Texas Instruments BUF01900AIPWR Datasheet HTML 6Page - Texas Instruments BUF01900AIPWR Datasheet HTML 7Page - Texas Instruments BUF01900AIPWR Datasheet HTML 8Page - Texas Instruments BUF01900AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to +85°C.
At TA = +25°C, VS = 18V, VSD = 5V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
BUF01900, BUF01901
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG
VCOM Output Swing(1)
Sourcing 10mA, Code 1023
17.7
17.8
V
Sinking 10mA, Code 00
0.6
1
V
Sourcing 100mA, Code 1023
15
16
V
Sinking 100mA, Code 00
0.75
1
V
VCOM Output Reset and Power-Up Value(1)
OTP not programmed, Code 512
VS/2
V
Nominal VBIAS Output Impedance
No Load on VBIAS, VCOM
250
k
Program to Out Delay
tD
5
µs
Output Accuracy
1V < VCOM < 17.7
20
50
mV
Load Regulation
REG
VOUT = VS/2, IOUT = +50mA to −50mA Step
0.5
1.5
mV/mA
VCOM(1)
Offset
±5
±25
mV
Offset Drift
−25
°C to +100°C
5
µV/°C
Common-Mode Range
0.8 to 18
V
Common-Mode Rejection
CMR
0.8V < VIN < 17.9V
85
dB
Slew Rate
5
V/
µs
VBIAS
No Load on VBIAS
Integral Nonlinearity
INL
0.1
2
LSB
Differential Nonlinearity
DNL
0.1
2
LSB
Gain Error
0.1
1
%FSC
Accuracy
20
50
mV
ANALOG POWER SUPPLY
Operating Range(2)
VS
7
18
V
Total Analog Supply Current
IS
Output at Reset Values, No Load
0.9
1.5
mA
over Temperature
1.5
mA
DIGITAL
Logic 1 Input Voltage
VIH
0.7
× VSD
V
Logic 0 Input Voltage
VIL
0.3
× VSD
V
Logic 0 Output Voltage
VOL
ISINK = 3mA
0.15
0.4
V
Input Leakage
±0.01
±10
µA
Clock Frequency
fCLK
Standard/Fast Mode
400
kHz
High-Speed Mode
3.4
MHz
DIGITAL POWER SUPPLY
Operating Voltage Range
VSD
2.0
5.5
V
Digital Supply Current(2)
ISD
25
50
µA
over Temperature
100
µA
TEMPERATURE
Specified Temperature Range
−40
+85
°C
Operating Temperature Range
Junction Temperature < 125
°C
−40
+95
°C
Storage Temperature Range
−65
+150
°C
Thermal Resistance
qJA
TSSOP-8
150
°C/W
DFN-10
47
°C/W
(1) BUF01900 only.
(2) Minimum analog supply voltage is 8.5V when programming OTP memory.


Similar Part No. - BUF01900AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF01900AIPWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com