Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF01900AIDRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BUF01900AIDRCR
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF01900AIDRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BUF01900AIDRCR Datasheet HTML 7Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 8Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 9Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 10Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 11Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 12Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 13Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 14Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
www.ti.com
11
ACQUIRE OF OTP MEMORY
An acquire command updates the DAC output to the value
stored in OTP memory. If the OTP memory has not been
programmed, the DAC output code is ‘0000000000’.
Figure 19 shows the timing diagram for the acquire
command.
Acquire Command
1.
Send a START condition on the bus.
2.
Send the device address and read/write bit = LOW.
The device will acknowledge this byte.
3.
Send the acquire command. Bits D7—D5 must be
set to 001. Bits D4—D0 do not have meaning. This
byte will be acknowledged.
4.
Send a STOP condition on the bus.
Writing OTP Memory
The BUF0190x is able to write to the OTP memory a maxi-
mum of four times. Writing to the OTP memory a fourth
time uses all available memory and disables the ability to
perform additional writes (see table 3). A reset or acquire
command updates the DAC output to the most recently
written OTP memory value.
When programming the OTP memory, the analog supply
voltage must be between 8.5V and 18V.
Write commands are performed by setting the read/write
bit LOW.
To write to OTP memory:
1.
Send a START condition on the bus.
2.
Send the device address and read/write bit = LOW.
The BUF0190x acknowledges this byte.
3.
Send two bytes of data for the OTP memory. Begin by
sending the most significant byte first (bits D15
D8,
of which only bits D9 and D8 are data bits, and bits
D15
D13 must be 010), followed by the least
significant byte (bits D7
D0). The register updates
after receiving the second byte.
4.
Send a STOP condition on the bus.
The BUF0190x acknowledges each data byte. If the mas-
ter terminates communication early by sending a STOP or
START condition on the bus, the specified OTP register
will not be updated. Writing an OTP register updates the
DAC output voltage.
Programming timing is taken from the two-wire bus.
Therefore, the master must provide correct timing on the
bus to ensure data is successfully written into OTP
memory. Figure 20 shows the timing requirements for tim-
ing when the OTP write supply and OTP write signal are
active.


Similar Part No. - BUF01900AIDRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Similar Description - BUF01900AIDRCR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com