Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF09-SD01F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF09-SD01F3
Description  9 line EMI filter and ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF09-SD01F3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF09-SD01F3 Datasheet HTML 1Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 2Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 3Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 4Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 5Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 6Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 7Page - STMicroelectronics EMIF09-SD01F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 2
February 2006
1/8
8
EMIF09-SD01F3
IPAD™
9 line EMI filter and ESD protection
Main application
Secure digital memory card in mobile phones
and communication systems
Description
The EMIF09-SD01F3 is a highly integrated array
designed to suppress EMI/RFI noise for secure
digital memory cards. The EMIF09-SD01F3 is in a
flip chip package to offer space saving and high
RF performance.
This low-pass filter includes ESD protection
circuitry, which prevents damage to the protected
device when subjected to ESD surges up 15 kV.
This filter also has a low line capacitance to be
compatible with high data rate signals.
Benefits
9 line EMI low-pass filter and ESD protection
High efficiency in EMI filtering
Lead free package
400 µm pitch
Very low PCB space consumption: < 4 mm2
Very thin package: 0.6 mm
High reliability offered by monolithic integration
Reduction of parasitic elements thanks to CSP
integration.
Pin Configuration (bump side)
Complies with the following standards:
IEC 61000-4-2:
MIL STD 833F - Method 3015.7 Class 3
TM: IPAD is a trademark of STMicroelectronics.
Level 4 on external pins 15 kV (air discharge)
8 kV (contact discharge)
Level 2 on internal pins 2 kV (air discharge)
2 kV (contact discharge)
Flip-Chip
(24 bumps)
A
B
C
D
E
1
2
3
4
5
PIN DESCRIPTION PIN DESCRIPTION PIN DESCRIPTION PIN DESCRIPTION PIN DESCRIPTION
A1
DATA2
B1
CD
C1
DAT3_PD
D1
WP+CD
E1
DATA1
A2
DATA3
B2
CMD
C2
WP
D2
CLK
E2
DATA0
A3
GND_H
B3
C3
DAT3_PU
D3
GND_C
E3
GND_C
A4
SDDATA2
B4
SDCD
C4
SDWP
D4
SDWP+CD
E4
SDDATA1
A5
SDDATA3
B5
SDCMD
C5
VSD
D5
SDCLK
E5
SDDATA0
www.st.com


Similar Part No. - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
More results

Similar Description - EMIF09-SD01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF11-10002C4 STMICROELECTRONICS-EMIF11-10002C4 Datasheet
305Kb / 6P
   9 LINES EMI FILTER AND ESD PROTECTION
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
   2 LINE EMI FILTER AND ESD PROTECTION
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
   2 line EMI filter and ESD protection
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
   2 LINE EMI FILTER AND ESD PROTECTION
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
   2 line EMI filter and ESD protection
EMIF06-10006C2 STMICROELECTRONICS-EMIF06-10006C2 Datasheet
240Kb / 9P
   6 line EMI filter and ESD protection
EMIF10-LCD01C2 STMICROELECTRONICS-EMIF10-LCD01C2 Datasheet
159Kb / 7P
   10 LINE EMI FILTER AND ESD PROTECTION
EMIF10-LCD01F2 STMICROELECTRONICS-EMIF10-LCD01F2 Datasheet
146Kb / 8P
   10 line EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com