Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7163 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P7163
Description  InAs photovoltaic detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P7163 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P7163 Datasheet HTML 1Page - Hamamatsu Corporation P7163 Datasheet HTML 2Page - Hamamatsu Corporation P7163 Datasheet HTML 3Page - Hamamatsu Corporation P7163 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InAs photovoltaic detector
P8079 series, P7163
WAVELENGTH (µm)
2.0
1.5
1.0
0
0.2
0.4
1.4
1.2
1.0
0.8
0.6
2.5
3.0
4.0
3.5
4.5
T= -10 ˚C
T=25 ˚C
T= -30 ˚C
(Typ.)
KIRDB0165EA
KIRDB0183EA
WAVELENGTH (µm)
(Typ.)
10
9
10
8
10
11
10
12
1
10
10
6
2345
P7163 (T= -196 ˚C)
P8079-01 (T=25 ˚C)
P8079-21 (T= -30 ˚C)
ELEMEMT TEMPERATURE (˚C)
-20
-40
1
10
1 k
100
020
40
s S/N vs. chopping frequency (P7163)
KIRDB0064ED
KIRDB0182EA
CHOPPING FREQUENCY (Hz)
(Typ.)
10
2
10
3
10
1
10
0
10
3
10
4
10
5
10
6
10
2
LOAD RESISTANCE: 1 k
SUPPLY VOLTAGE: 0 V
ELEMENT TEMPERATURE: -196 ˚C
S
N
s Shunt resistance vs. element temperature
s Spectral response
s Spectral response (D*)
2


Similar Part No. - P7163

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P7163 HAMAMATSU-P7163 Datasheet
154Kb / 4P
   InAs photovoltaic detector
More results

Similar Description - P7163

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P8079-01 HAMAMATSU-P8079-01 Datasheet
154Kb / 4P
   InAs photovoltaic detector
P10090 HAMAMATSU-P10090 Datasheet
72Kb / 4P
   InAs photovoltaic detector
P10090 HAMAMATSU-P10090_15 Datasheet
212Kb / 6P
   InAs photovoltaic detectors
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
   InSb photovoltaic detector
P11120-201 HAMAMATSU-P11120-201_15 Datasheet
218Kb / 6P
   InAsSb photovoltaic detector
P12691-201 HAMAMATSU-P12691-201_15 Datasheet
540Kb / 5P
   InAsSb photovoltaic detector
P9697 HAMAMATSU-P9697 Datasheet
86Kb / 2P
   MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise
logo
VIGO Photonics S.A.
PVA VIGO-PVA Datasheet
637Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb ambient temperature photovoltaic detectors
04/05/2022
PVA-2TE VIGO-PVA-2TE Datasheet
695Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb two-stage thermoelectrically cooled photovoltaic detectors
04/05/2022
PVIA VIGO-PVIA Datasheet
645Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb ambient temperature, optically immersed photovoltaic detectors
04/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com