Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6437 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L6437
Description  Infrared LED High radiant output GaAs LED with position reference hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6437 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L6437_06 Datasheet HTML 1Page - Hamamatsu Corporation L6437_06 Datasheet HTML 2Page - Hamamatsu Corporation L6437_06 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Lead frame package with position reference hole
l Small package
l High radiant output power
Applications
l Auto-focus
l Optical switch
LED
Infrared LED
High radiant output GaAs LED with position reference hole
L6437 series
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
65
mA
Reverse voltage
VR
5
V
Pulse forward current
IFP
Pulse width=10 µs
Duty ratio=1 %
1.0
A
Operating temperature
Topr
-25 to +80
°C
Storage temperature
Tstg
-30 to +100
°C
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=50 mA
920
945
970
nm
Spectral half width
∆λ
IF=50 mA
-
60
-
nm
Forward voltage
VF
IF=50 mA
-
1.35
1.45
V
Pulse forward voltage
VFP
IF=1.0 A
-
2.5
3.1
V
Reverse current
IR
VR=5 V
-
-
20
µA
Radiant flux
φe
IF=50 mA
7.0
10.0
-
mW
Radiant illuminance
PE
IF=50 mA
-
0.5
-
mW/cm
2
Rise time
tr
IF=50 mA, 10 to 90 %
-
2.0
3.0
µs
Fall time
tf
IF=50 mA, 90 to 10 %
-
1.0
2.0
µs
1


Similar Part No. - L6437_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6437-01 HAMAMATSU-L6437-01 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
More results

Similar Description - L6437_06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
   Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
   Infrared LED GaAs Infrared Emitter
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
   INFRARED LED GaAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
   TOSHIBA INFRARED LED GaAs INFRARED EMITTER
logo
Hamamatsu Corporation
L7560 HAMAMATSU-L7560_07 Datasheet
86Kb / 2P
   Infrared LED High-speed, high output power LED with mini-lens
logo
Toshiba Semiconductor
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
   TOSHIBA INFRARED LED GAAS INFRARED EMITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com