Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3989-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L3989-01
Description  Infrared LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L3989-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L3989-01 Datasheet HTML 1Page - Hamamatsu Corporation L3989-01 Datasheet HTML 2Page - Hamamatsu Corporation L3989-01 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Infrared LED
L3989 series
s Emission spectrum
KLEDB0212EA
s Radiant flux vs. forward current
KLEDB0213EA
s Forward current vs. forward voltage
KLEDB0214EA
s Directivity
KLEDB0215EA
s Radiant output vs. ambient temperature
KLEDB0216EA
s Allowable forward current vs. ambient temperature
KLEDB0027EB
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
800
700
0
20
100
80
60
40
900
1000
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
10
1
1
10
1000
100
100
1000
L3989
L3989-02
L3989-01
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
1.5
1.0
10
1000
100
2.0
2.5
RELATIVE RADIANT OUTPUT (%)
(Typ. Ta=25 ˚C)
80 %
60 %
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
100
%
40
%
20
%
L3989-02
L3989-01
L3989
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
0
-20
-40
-5
-4
-2
-3
-1
+3
+2
+1
0
20
40
60
80
100
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
2


Similar Part No. - L3989-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L3989-01 HAMAMATSU-L3989-01 Datasheet
119Kb / 2P
   High power infrared LED
More results

Similar Description - L3989-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com