Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8711-04 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8711-04
Description  MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8711-04 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8711-04 Datasheet HTML 1Page - Hamamatsu Corporation H8711-04 Datasheet HTML 2Page - Hamamatsu Corporation H8711-04 Datasheet HTML 3Page - Hamamatsu Corporation H8711-04 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MULTIANODE
PHOTOMULTIPLIER TUBE ASSEMBLIES H8711 SERIES
Figure 2: Typical Gain
TPMHB0690EC
Figure 3: Time Response (Example)
TPMHB0331EA
Figure 4: TTS Characteristic (Example)
TPMHB0314EB
100
101
102
103
104
TIME (0.5 ns/div.)
SUPPLY VOLTAGE: - 800 V
FWHM: 310 ps
FWTM: 631 ps
A BA: Bialkali, MA: Multialkali
B K: Borosilicate glass, U: UV glass
C MC: Metal channel
D The maximum average anode current is defined as 5 % of divider current when standard high voltage is applied.
NOTE:
C
D
B
A
Spectral Response
Maximum Ratings
Cathode Characteristics
(nm)
Peak
Wavelength
(nm)
Range
Photo-
cathode
Material
Window
Material
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
420
420
420
420
530
K
K
U
U
K
BA
MA
BA
MA
MA
H8711
H8711-01
H8711-03
H8711-04
H8711-20
Normal Divider Type
Type No.
MC/12
MC/12
MC/12
MC/12
MC/12
0.017
0.017
0.017
0.017
0.017
-1000
-1000
-1000
-1000
-1000
60
150
60
150
350
80
200
80
200
500
9.5
9.5
0.25
0.25
0.4
80
65
80
65
78
(
µA/lm)
Min.
(
µA/lm)
Typ.
Luminous
(mA/W)
Blue
Sensitivity
Index
(CS 5-58)
Red/
White
Ratio
(R-68)
Radiant
Typ.
Typ.
Typ.
(V)
(mA)
Dynode
Structure
/ Stages
Supply
Voltage
Between
Anode
and
Cathode
Average
Anode
Output
Current
in Total
300 to 650
300 to 880
185 to 650
185 to 880
420
420
420
420
K
K
U
U
BA
MA
BA
MA
H8711-10
H8711-11
H8711-13
H8711-14
Taper Divider Type
MC/12
MC/12
MC/12
MC/12
0.017
0.017
0.017
0.017
-1000
-1000
-1000
-1000
60
150
60
150
80
200
80
200
9.5
9.5
0.25
0.25
80
65
80
65
102
103
104
105
106
500
600
700
1000
800
900
SUPPLY VOLTAGE (V)
107
108
H8711
H8711-03
H8711-10
H8711-13
H8711-11
H8711-14
H8711-20
H8711-01
H8711-04
TIME (2 ns/div.)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
WIDTH
RL
: -800 V
: 835 ps
: 2047 ps
: 1658 ps
: 50


Similar Part No. - H8711-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-04 HAMAMATSU-H8711-04 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
H8711-04 HAMAMATSU-H8711-04 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
More results

Similar Description - H8711-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H13175U HAMAMATSU-H13175U_15 Datasheet
130Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
H11432 HAMAMATSU-H11432 Datasheet
92Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com