Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8500 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # H8500
Description  FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8500 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  H8500 Datasheet HTML 1Page - Hamamatsu Corporation H8500 Datasheet HTML 2Page - Hamamatsu Corporation H8500 Datasheet HTML 3Page - Hamamatsu Corporation H8500 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FLAT PANEL TYPE
MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY H8500, H8500B
NOTES
A:
B:
C:
D:
E:
F:
G:
H:
The light source is a tungsten filament lamp operated at a distribution temperature of 2856 K. Supply voltage is 150 volts between the cathode and
all other electrodes connected together as anode.
The value is cathode output current when a blue filter(corning CS 5-58 polished to 1/2 stock thickness) is interposed between the light source and
the tube under the same condition as Note A.
Measured with the same light source as Note A and with the anode-to-cathode supply voltage and voltage distribution ratio shown in Table 1 below.
Measured with the same supply voltage and voltage distribution ratio as Note C after 30 minute storage in darkness.
Those are test data when a signal from a central channel of 64 anodes is used, while all photocathode are illuminated by pulsed light source.
The rise time is the time for the output pulse to rise from 10 % to 90 % of the peak amplitude when the whole photocathode is illuminated by a delta
function light pulse.
The electron transit time is the interval between the arrival of delta function light pulse at the entrance window of the tube and the time when the
anode output reaches the peak amplitude. In measurement, the whole photocathode is illuminated.
Also called transit time jitter. This is the fluctuation in electron transit time between individual pulses in the single photoelectron event, and defined
as the FWHM of the frequency distribution of electron transit time.
Table 1: Voltage Distribution Ratio and Supply Voltage
Figure 1: Typical Spectral Response
Figure 2: Typical Gain Characteristics
CHARACTERISTICS (at 25
°C)
Parameter
Min.
Unit
Cathode Sensitivity
Anode Sensitivity
Gain C
Anode Dark Current per Channel D
Anode Dark Current in Total D
Time Response E
Pulse Linearity per Channel (
±2 % deviation)
Uniformity (Condition Figure 3)
Cross-talk
Luminous A
Blue Sensitivity Index (CS 5-58) B
Quantum Efficiency at 420 nm
Luminous C
Rise Time F
Transit Time G
Transit Time Spread (FWHM) H
50
8.0
0.5
× 106
60
9.5
24
90
1.5
× 106
0.1
6
0.8
6
0.4
1
1: 2
3
µA/lm
%
A/lm
nA
nA
ns
ns
ns
mA
%
50
1: 4
Typ.
Max.
Supply Voltage: -1000 V, K: Cathode, Dy: Dynode, GR: Guard Ring P: Anode
Electrodes
Distribution Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10 Dy11 Dy12
GR
P
1
1
1
1
0.9
0.1
TPMHB0695ED
TPMHB0696EC
100
10
1
0.1
0.01
200
300
400
500
WAVELENGTH (nm)
600
700
800
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
107
106
105
104
103
700
800
900
1000
SUPPLY VOLTAGE (V)
1100


Similar Part No. - H8500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8500PO ETC2-H8500PO Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8500VB ETC2-H8500VB Datasheet
858Kb / 2P
   8500 Rocker Switches - Miniature
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
More results

Similar Description - H8500

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
H13175U HAMAMATSU-H13175U_15 Datasheet
130Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
H11432 HAMAMATSU-H11432 Datasheet
92Kb / 2P
   PHOTOMULTIPLIER TUBE ASSEMBLY
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com