Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G8921-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G8921-01
Description  GaAs PIN photodiode array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8921-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G8921-01 Datasheet HTML 1Page - Hamamatsu Corporation G8921-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs PIN photodiode array
G8921-01
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho,
Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.:
19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©200
4 Hamamatsu Photonics K.K.
Cat. No. KGPD1009E02
Jan. 2004 DN
0.15
0.25
6.4
ACTIVE AREA
CATHODE
0.06 × 4 ch
ANODE
2
I Spectral response
KGPDB0048EA
I Dark current vs. reverse voltage
KGPDB0049EA
I Terminal capacitance vs. reverse voltage
KGPDB0050EA
I Dimensional outline (unit: mm)
KGPDA0017EA
0
0.1
0.2
0.3
0.4
0.5
0.6
300
500
600
700
800
900
1000
400
(Typ. Ta=25 ˚C)
WAVELENGTH (nm)
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
1
0.1
0.01
10 fA
100 fA
100 pA
10 pA
1 pA
10
100
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
1
0.1
0.01
100 fF
10 pF
1 pF
10
100
I Cross-talk characteristic
KGPDB0051EA
0
100
200
300
400
500
0.001
1000
100
10
1
0.1
0.01
POSITION (µm)
(Typ. Ta=25 ˚C,
λ=830 nm, step: 5 µm, Pin=20 nW, spot light size: 10 µm)
n ch
n+1 ch


Similar Part No. - G8921-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
   GaAs PIN photodiode array
More results

Similar Description - G8921-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8921-01 HAMAMATSU-G8921-01 Datasheet
115Kb / 2P
   GaAs PIN photodiode array
G8522 HAMAMATSU-G8522 Datasheet
103Kb / 2P
   GaAs PIN photodiode
logo
Vishay Siliconix
S268P VISHAY-S268P Datasheet
80Kb / 5P
   Silicon PIN Photodiode Array
Rev. 2, 20-May-99
logo
Hamamatsu Corporation
G67150 HAMAMATSU-G67150 Datasheet
108Kb / 2P
   InGaAs PIN photodiode array
logo
Microsemi Corporation
MXP3000 MICROSEMI-MXP3000 Datasheet
29Kb / 1P
   GaAs PIN Photodiode Chips
logo
Hamamatsu Corporation
G8909-01 HAMAMATSU-G8909-01 Datasheet
119Kb / 3P
   InGaAs PIN photodiode array
G8909-01 HAMAMATSU-G8909-01_15 Datasheet
526Kb / 3P
   InGaAs PIN photodiode array
G7150 HAMAMATSU-G7150 Datasheet
80Kb / 2P
   InGaAs PIN photodiode array
G8909 HAMAMATSU-G8909 Datasheet
111Kb / 3P
   InGaAs PIN photodiode array
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com