Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7751-02 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P7751-02
Description  Infrared detector module with preamp Metal dewar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P7751-02 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P7751-02 Datasheet HTML 1Page - Hamamatsu Corporation P7751-02 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared detector module with preamp
Metal dewar type
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KIRD1024E04
Feb. 2007 DN
WAVELENGTH (µm)
10
9
0
10
10
10
12
10
11
10
13
123456789
10
11
12
13
(Typ. T= -196 ˚C)
14
G7754-01
P7751-01/-02
P7752-10
G7754-03
11
LN2
FILL PORT
AMP
10 ± 0.5
127 ± 1
18 32
63.5 ± 1
SIGNAL OUTPUT (BNC)
DC INPUT VOLTAGE
±15 V (4-PIN CONNECTOR)
FOAM POLYSTYRENE PLUG
PUMP-OUT PIPE
49
PHOTOSENSITIVE
SURFACE
KIRDA0010EC
s Spectral response
KIRDB0076EC
s Dimensional outline (unit: mm)
s Precaution for use
· The detector should not be placed horizontally during use.
· Using these detectors in an environment subjected to vibration may cause microphonic noise. Take measures to prevent
vibration as needed.
2


Similar Part No. - P7751-02

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P770-013 TRIPPLITE-P770-013 Datasheet
470Kb / 3P
   13-ft. KVM Switch Daisychain Cable for B060 KVMs
P770-10M TRIPPLITE-P770-10M Datasheet
475Kb / 3P
   33-ft. (10M) KVM Switch Daisychain Cable for B060 KVMs
logo
TEKTRONIX, INC.
P7700 TEKTRONIX-P7700 Datasheet
912Kb / 12P
   P7700 Series TriMode Probes
P7708 TEKTRONIX-P7708 Datasheet
912Kb / 12P
   P7700 Series TriMode Probes
P7713 TEKTRONIX-P7713 Datasheet
912Kb / 12P
   P7700 Series TriMode Probes
More results

Similar Description - P7751-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
   Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
   Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
   Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
   Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
   Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
   Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
   Infrared detector module with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
   Infrared detector modules with preamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com