Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7151-16 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G7151-16
Description  InGaAs PIN photodiode array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G7151-16 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G7151-16 Datasheet HTML 1Page - Hamamatsu Corporation G7151-16 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l 16-element array
l For simple measurement
Applications
l Near Infrared (NIR) spectrophotometer
PHOTODIODE
InGaAs PIN photodiode array
16-element array
G7150/G7151-16
s General ratings
Parameter
G7150-16
G7151-16
Unit
Package
DIP
-
Active area
0.45 × 1 (× 16 elements)
0.08 × 0.2 (× 16 elements)
mm
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR
5V
Operating temperature
Topr
-25 to +70 *
°C
Storage temperature
Tstg
-25 to +70 *
°C
* No condensation
s Electrical and optical characteristics (Ta=25
°C, per 1 element)
G7150-16
G7151-16
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
0.9 to 1.7
-
-
0.9 to 1.7
-
µm
Peak sensitivity w av elength
λp
-
1.55
-
-
1.55
-
µm
λ=1.3 µm
0.8
0.9
-
0.8
0.9
-
Photo sensitivity
S
λ=1.55 µm
0.85
0.95
-
0.85
0.95
-
A/W
Dark current
ID
VR=1 V
-
5
25
-
0.2
1
nA
Cut-off frequency
fc
VR=1 V, RL=50
λ=1.3 µm, -3 dB
-
30
-
-
300
-
MHz
Terminal capacitance
Ct
VR=1 V, f=1 MHz
-
100
-
-
10
-
pF
Shunt resistance
Rsh
VR=10 mV
-
100
-
-
1000
-
M
Detectivity
D∗
λ=λp
-
5 × 10
12
-
-
5 × 10
12
-
cm·Hz
1/2/W
Noise equivalent power
NEP
λ=λp
-2 × 10
-14
-
-
3 × 10
-15
-W/Hz
1/2
1
G7150/G7151-16 may be damaged by Electro Static Discharge, etc. Be carefull when using G7150/G7151-16.


Similar Part No. - G7151-16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G7151-16 HAMAMATSU-G7151-16 Datasheet
80Kb / 2P
   InGaAs PIN photodiode array
More results

Similar Description - G7151-16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8909-01 HAMAMATSU-G8909-01 Datasheet
119Kb / 3P
   InGaAs PIN photodiode array
G8909-01 HAMAMATSU-G8909-01_15 Datasheet
526Kb / 3P
   InGaAs PIN photodiode array
G7150 HAMAMATSU-G7150 Datasheet
80Kb / 2P
   InGaAs PIN photodiode array
G8909 HAMAMATSU-G8909 Datasheet
111Kb / 3P
   InGaAs PIN photodiode array
logo
OPLINK Communications I...
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA08E20200111G OPLINK-PIPA08E20200111G Datasheet
182Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA-S0062 OPLINK-PIPA-S0062 Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
PIPA043051 OPLINK-PIPA043051 Datasheet
272Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com