Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF185AN220M04AK Datasheet(PDF) 5 Page - Rohm

Part # MCF185AN220M04AK
Description  EMI FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCF185AN220M04AK Datasheet(HTML) 5 Page - Rohm

  MCF185AN220M04AK Datasheet HTML 1Page - Rohm MCF185AN220M04AK Datasheet HTML 2Page - Rohm MCF185AN220M04AK Datasheet HTML 3Page - Rohm MCF185AN220M04AK Datasheet HTML 4Page - Rohm MCF185AN220M04AK Datasheet HTML 5Page - Rohm MCF185AN220M04AK Datasheet HTML 6Page - Rohm MCF185AN220M04AK Datasheet HTML 7Page - Rohm MCF185AN220M04AK Datasheet HTML 8Page - Rohm MCF185AN220M04AK Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MCF18
EMI Filters
Rev.A
5/8
Items
Performance
Vibration
Test Method
The specimens shall be soldered on the
specified test jig.
Initial measurements shall be made after
the thermal pre-conditioning specified in
Remarks(1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
[Condition]
Directions : 2h each in X, Y and Z directions
Total : 6h
Frequency range : 10 to 55 to 10Hz(1min)
Applitude : 1.5mm
(shall not exceed acceleration196m/s2)
The specimens shall be soldered on the test
jig shown in Remarks.
Temperature cycle : 100cycles Initial
measurements prior to test shall be
performed after the thermal
per-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
No.
12
Temperature
cycling
13
Dielectric
loss
tangent
AN
CN
CN
Within
+/−2.5%
Within
+/−7.5%
Within
+/−7.5%
Within
+/−2.5%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Change
rate from
initial value
AN
Change
rate from
initial value
Without mechanical damage.
Without mechanical damage.
Appearance
Within specified initial value.
Insulation
resistance
Within specified initial value.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
AN
CN
30
+/−3
30
+/−3
Step
1
2
3
4
Temp. (
°C)
Time (min)
Min operating temp.
+/−3
Room temp.
Room temp.
Max operating temp.
+/−3
3
<−
3
<−
Glass epoxy board with soldered
specimens shall be bent till 1mm by
1.0mm/s.
Bending
strength
11
Appearance
Without mechanical damage.


Similar Part No. - MCF185AN220M04AK

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MCF12102G400-T TAIYO-YUDEN-MCF12102G400-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102G900-T TAIYO-YUDEN-MCF12102G900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H500-T TAIYO-YUDEN-MCF12102H500-T Datasheet
158Kb / 1P
   Multilayer Common Mode Choke Coils
MCF12102H900-T TAIYO-YUDEN-MCF12102H900-T Datasheet
141Kb / 1P
   Multilayer Common Mode Choke Coils
logo
TAI-TECH Advanced Elect...
MCF1210NF2 TAI-TECH-MCF1210NF2 Datasheet
102Kb / 2P
   Multilayer Common Mode Choke Coils
More results

Similar Description - MCF185AN220M04AK

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWCMC636347-152 XFMRS-XFWCMC636347-152 Datasheet
39Kb / 1P
   EMI filter
XFWCMC636347-142 XFMRS-XFWCMC636347-142 Datasheet
78Kb / 1P
   EMI filter
logo
Qualtek Electronics Cor...
860-10-024 QUALTEK-860-10-024 Datasheet
251Kb / 1P
   EMI FILTER
862-06-001 QUALTEK-862-06-001 Datasheet
248Kb / 1P
   EMI FILTER
862-06-003 QUALTEK-862-06-003 Datasheet
255Kb / 1P
   EMI FILTER
864-06-007 QUALTEK-864-06-007 Datasheet
286Kb / 1P
   EMI FILTER
864-10-009 QUALTEK-864-10-009 Datasheet
268Kb / 1P
   EMI FILTER
880-06-006 QUALTEK-880-06-006 Datasheet
277Kb / 1P
   EMI FILTER
882-03-001 QUALTEK-882-03-001 Datasheet
295Kb / 1P
   EMI FILTER
882-06-013 QUALTEK-882-06-013 Datasheet
308Kb / 1P
   EMI FILTER
882-10-016 QUALTEK-882-10-016 Datasheet
304Kb / 1P
   EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com