Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34E02FVT-WTR Datasheet(PDF) 5 Page - Rohm

Part # BR34E02FVT-WTR
Description  DDR/DDR2 (For memory module) SPD Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34E02FVT-WTR Datasheet(HTML) 5 Page - Rohm

  BR34E02FVT-WTR Datasheet HTML 1Page - Rohm BR34E02FVT-WTR Datasheet HTML 2Page - Rohm BR34E02FVT-WTR Datasheet HTML 3Page - Rohm BR34E02FVT-WTR Datasheet HTML 4Page - Rohm BR34E02FVT-WTR Datasheet HTML 5Page - Rohm BR34E02FVT-WTR Datasheet HTML 6Page - Rohm BR34E02FVT-WTR Datasheet HTML 7Page - Rohm BR34E02FVT-WTR Datasheet HTML 8Page - Rohm BR34E02FVT-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/19
Fig.10 Write Operating Current ICC1,2
(fSCL=100kHz,400kHz)
Fig.15 Data Clock Low Period tLow
Fig.11 Read Operating Current ICC3
(fSCL=400kHz)
Fig.13 Clock Frequency fSCL
Fig.17 Start Condition Setup Time
tSU:STA
Fig.12 Standby Current ISB
Fig.14 Data Clock High Period tHigh
Fig.19 Data Hold Time
tHD:DAT(LOW)
Fig.21 Input Data Setup Time
tSU:DAT(LOW)
Fig.16 Start Condition Hold Time
tHD:STA
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
4
VCC[V]
Ta=-40℃
SPEC
Ta=85℃
Ta=25℃
fSCL=100kHz
DATA=AAh
0
0.5
1
1.5
2
2.5
3
3.5
0
1
234
VCC[V]
SPEC1
SPEC2
fSCL=400kHz(VCC≧2.5V)
fSCL=100kHz(1.7V≦Vcc<2.5V)
DATA=AA
Ta=25℃
Ta=85℃
Ta=-40℃
0
0.5
1
1.5
2
2.5
01
234
VCC[V]
Ta=-40℃
SPEC
Ta=85℃
Ta=25℃
0
1
2
3
4
5
01
2
3
4
VCC[V]
Ta=-40℃
SPEC2
Ta=85℃
Ta=25℃
SPEC1
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
1
10
100
1000
10000
01
2
3
4
VCC[V]
Ta=-40℃
SPEC1
Ta=85℃
Ta=25℃
SPEC2
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
0
1
2
3
4
5
01
2
3
4
VCC[V]
SPEC2
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC1
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
Fig.18 Data Hold Time
tHD:DAT(High)
-200
-150
-100
-50
0
50
01
2
3
4
VCC[V]
SPEC1,2
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
0
1
2
3
4
5
01
2
3
4
VCC[V]
Ta=-40℃
SPEC2
Ta=85℃
Ta=25℃
SPEC1
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
0
1
2
3
4
5
01234
VCC[V]
Ta=-40℃
SPEC2
Ta=85℃
Ta=25℃
SPEC1
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
-200
-100
0
100
200
300
01
23
4
VCC[V]
SPEC1
Ta=85℃
Ta=-40℃
Ta=25℃
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
-200
-100
0
100
200
300
012
34
VCC[V]
SPEC2
Ta=85℃
Ta=-40℃
Ta=25℃
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
-200
-150
-100
-50
0
50
01
23
4
VCC[V]
SPEC1,2
Ta=-40℃
Ta=85℃
Ta=25℃
SPEC1:FAST-MODE
SPEC2:STANDARD-MODE
Fig.20 Input Data Setup Time
tSU:DAT(HIGH)


Similar Part No. - BR34E02FVT-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W Datasheet
279Kb / 6P
   Based on Serial Presence Detect 2Kbit(256X8bit) Serial EEPROM
BR34E02FVT-W ROHM-BR34E02FVT-W Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results

Similar Description - BR34E02FVT-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com