Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34E02NUX-WE2 Datasheet(PDF) 8 Page - Rohm

Part # BR34E02NUX-WE2
Description  DDR/DDR2 (For memory module) SPD Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34E02NUX-WE2 Datasheet(HTML) 8 Page - Rohm

Back Button BR34E02NUX-WE2 Datasheet HTML 4Page - Rohm BR34E02NUX-WE2 Datasheet HTML 5Page - Rohm BR34E02NUX-WE2 Datasheet HTML 6Page - Rohm BR34E02NUX-WE2 Datasheet HTML 7Page - Rohm BR34E02NUX-WE2 Datasheet HTML 8Page - Rohm BR34E02NUX-WE2 Datasheet HTML 9Page - Rohm BR34E02NUX-WE2 Datasheet HTML 10Page - Rohm BR34E02NUX-WE2 Datasheet HTML 11Page - Rohm BR34E02NUX-WE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/19
The last bit of the stream (R/W…READ/WRITE) determines the operation to be performed.
R/W=0
・・・・
WRITE (including word address input of Random Read)
R/W=1
・・・・
READ
Slave Address Set Pin Device Type Device Address Read Write Mode
Access Area
A2
A1
A0
1010
A2
A1
A0
R/W
2kbit Access to Memory
A2
A1
A0
A2
A1
A0
R/W
Access to Permanent Set Write
Protect Memory
GND
GND
VHV
0
0
1
R/W
Access to Set Write Protect Memroy
GND
Vcc
VHV
0110
0
1
1
R/W
Access to Clear Write Protect MEmory
WRITE PROTECT PIN(WP)
When WP pin set to Vcc (H level), write protect is set for 256 words (all address). When WP pin set to GND (L level),
it is enable to write 256 words (all address).
If permanent protection is done by Write Protect command, lower half area (00~7Fh address) is inhibited writing
regardless of WP pin state.
WP pin has a Pull-Down resistor. Please be left unconnected or connect to GND when WP feature is not in use.
Confirm Write Protect Resistor by ACK
According to state of Write Protect Resistor, ACK is as follows.
State of Write
Protect Registor
WP Input
Input Command
ACK
Address
ACK
Data
ACK
Write
Cycle(tWR)
PSWP, SWP, CWP
No ACK
-
No ACK
No ACK
No
In case,
protect by PSWP
-
Page or Byte Write
(00~7Fh)
ACK
WA7~WA0
ACK
D7~D0
No ACK
No
SWP
No ACK
-
No ACK
-
No ACK
No
CWP
ACK
-
ACK
-
ACK
Yes
PSWP
ACK
-
ACK
-
ACK
Yes
0
Page or Byte Write
(00~7Fh)
ACK
WA7~WA0
ACK
D7~D0
No ACK
No
SWP
No ACK
-
No ACK
-
No ACK
No
CSP
ACK
-
ACK
-
No ACK
No
PSWP
ACK
-
ACK
-
No ACK
No
In case,
protect by SWP
1
Page or Byte Write
ACK
WA7~WA0
ACK
D7~D0
No ACK
No
PSWP, SWP, CWP
ACK
-
ACK
-
ACK
Yes
0
Page or Byte Write
ACK
WA7~WA0
ACK
D7~D0
ACK
Yes
PSWP, SWP, CWP
ACK
-
ACK
-
No ACK
No
In case,
Not protect
1
Page or Byte Write
ACK
WA7~WA0
ACK
D7~D0
No ACK
No
- is Don’t Care
State of Write Protect Registor
Command
ACK
Address
ACK
Data
ACK
In case, protect by PSWP
PSWP, SWP, CWP
No ACK
-
No ACK
-
No ACK
SWP
No ACK
-
No ACK
-
No ACK
CWP
ACK
-
No ACK
-
No ACK
In case, protect by SWP
PSWP
ACK
-
No ACK
-
No ACK
In case, Not protect
PSWP, SWP, CWP
ACK
-
No ACK
-
No ACK


Similar Part No. - BR34E02NUX-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02NUX-W ROHM-BR34E02NUX-W Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results

Similar Description - BR34E02NUX-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com