Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4117AS1018VDC1.2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 4117AS1018VDC1.2
Description  Superminiature, heavy power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4117AS1018VDC1.2 Datasheet(HTML) 2 Page - DB Lectro Inc

  4117AS1018VDC1.2 Datasheet HTML 1Page - DB Lectro Inc 4117AS1018VDC1.2 Datasheet HTML 2Page - DB Lectro Inc 4117AS1018VDC1.2 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Superminiature, heavy power.
Low coil power consumption.
Switching current up to 20A.
PC board mounting.
Suitable for household appliances, electrical equipment, automation system, and automobile industry application.
4117 C
S
10 12VDC
1.0
1
2
3
4
5
6
Ordering Information
4 Contact Current
10:10A
20:20A
5 Coil rated Voltage(V) DC:3,5,6,9,12,18,24
6 Coil power consumption
1.0:1.0W
1.2:1.2W
Contact Data
Coil Parameter
1 Part number
4117
2 Contact arrangement
A:1A
C:1C
U:IU
W:1W
3 Enclosure
S: Sealed type
Z: Dust cover
O: Open type
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
4117
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)
1U
SPSTNODM
1W
SPDTNC-NO
Contact Material
AgSnO
2
Contact Rating (resistive)
1A
1C: 10A/120VAC,28VDC 20A/14VDC ;
1U: 2
10A/120VAC,28VDC 2 20A/14VDC ;
1W: 2
10A/120VAC,28VDC 2 20A/14VDC
Max. Switching Power
1C: 280W 1200VA
1W: 2 280W 2
1200VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
003-1000
3
3.9
9
2.25
0.3
005-1000
5
6.5
25
3.75
0.5
006-1000
6
7.8
36
4.50
0.6
009-1000
9
11.7
85
6.75
0.9
1.0
10
5
012-1000
12
15.6
145
9.00
1.2
018-1000
18
23.4
324
13.5
1.8
024-1000
24
31.2
576
18.0
2.4
012-1200
12
15.6
120
9.00
1.2
1.2
10
5
Features
Open Type
Dust Covered
13.2
15.3
18
17.5
15
20
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
50Hz 750V
Item 6 of IEC255-5
50Hz 1500V
Item 6 of IEC255-5
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
130
4117
12
10
8
6
4
2
15max.
17.5max.
mm /inch
0.400
0.051
0.200
0.591max.
0.689max.
0.024
0.031
0.031
0.020
0.039
0.083
0.602max.
0.620max.
4-0.5
0.8
Ningbo Forward Relay Corporation LTD.
7
15.3(max.)
13.2(max.)
NHG RELAYS


Similar Part No. - 4117AS1018VDC1.2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117AS1012VDC1.0 DBLECTRO-4117AS1012VDC1.0 Datasheet
450Kb / 2P
   4117
4117AS1012VDC1.2 DBLECTRO-4117AS1012VDC1.2 Datasheet
450Kb / 2P
   4117
More results

Similar Description - 4117AS1018VDC1.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
4117U HUAXINAN-4117U Datasheet
1Mb / 1P
   Superminiature, heavy power
4117C HUAXINAN-4117C Datasheet
1Mb / 1P
   Superminiature, heavy power
4117W HUAXINAN-4117W Datasheet
1Mb / 1P
   Superminiature, heavy power
logo
DB Lectro Inc
NT73-3 DBLECTRO-NT73-3 Datasheet
446Kb / 2P
   Superminiature, High power
logo
HuaXinAn Electronics CO...
NT73-3C HUAXINAN-NT73-3C Datasheet
415Kb / 1P
   Superminiature, High power
NT73-3LC HUAXINAN-NT73-3LC Datasheet
415Kb / 1P
   Superminiature, High power
NT73-3LA HUAXINAN-NT73-3LA Datasheet
415Kb / 1P
   Superminiature, High power
NT73-3LB HUAXINAN-NT73-3LB Datasheet
415Kb / 1P
   Superminiature, High power
NT73-3A HUAXINAN-NT73-3A Datasheet
415Kb / 1P
   Superminiature, High power
NT73-3B HUAXINAN-NT73-3B Datasheet
415Kb / 1P
   Superminiature, High power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com