Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10082MD Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C10082MD
Description  Mini-spectrometer TM series Integrating optical system, image sensor and circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10082MD Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C10082MD Datasheet HTML 1Page - Hamamatsu Corporation C10082MD Datasheet HTML 2Page - Hamamatsu Corporation C10082MD Datasheet HTML 3Page - Hamamatsu Corporation C10082MD Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l High throughput due to transmission grating made of quartz
l Highly accurate optical characteristics
l No external power supply required: Uses USB bus power
l Wide spectral response range
l Easy to install into equipment
l Wavelength conversion factor *1 is recorded in internal memory
Applications
l Light source spectrum measurement
l Sunlight or illumination analysis
l Absorbance measurement
MODULE
Integrating optical system, image sensor and circuit
C10082MD, C10083MD
Mini-spectrometer TM series
TM series mini-spectrometers are polychromators integrated with optical elements, an image sensor and a driver circuit. Two models are
available: C10082MD (TM-UV/VIS-MOS) and C10083MD (TM-VIS/NIR-MOS). Light to be measured is guided into the entrance port of TM series
through an optical fiber and the spectrum measured with the built-in image sensor is output from the USB port to a PC for data acquisition. No
external power supply is required since USB bus power is used for circuit operation. The TM series comes with sample software, device driver
and DLL. The sample software lets you easily set measurement conditions, acquire and save data, and display graphs.
1
s O p tic a l c h a ra c te ris tic s
T M -U V/VIS- M O S
T M -V IS /N IR - M O S
Pa ra m e te r
C 10082M D
C 10083M D
Un it
S pec tral re s p o n s e ra n g e
200 to 80 0
320 to 10 00
nm
S pec tral re s o lu tion M a x .
(S pec tral re s p o n s e ha lf w idth) *
2
6
8
nm
W a v e length re produ c ibility *
3
±0 .2
n m
W a v e length te m perature de pend en c e
0.02
nm /° C
S pec tral s tra y light *
2, *4
-3 5
d B
s E lec tric al c hara c te ris tic s
Pa ra m e te r
Va lu e
Un it
A /D c onv ers ion
16
bit
In tegratio n tim e
5 to 1 000 0
ms
In te rfa c e
U SB1 .1
-
U S B bus p o w e r c u rre nt c ons um ptio n
100
mA
s G eneral ra tings / A b s o lu te ma x imu m ra tin g s
Pa ra m e te r
Va lu e
Un it
D im e n s io ns
94 (W ) × 90 (D ) × 55 (H )
m m
Im ag e s ens or
C M O S linear im ag e s ens or (S 83 78-1 024Q )
-
N u m ber of p ix e ls
1024
pix e ls
S lit *
5
70 (H ) × 8 00 (V )
µm
Op tic a l N A
0.22
-
C onne c tor fo r op tic a l fiber
S M A 905D
-
O peratin g te m perature *
6
+ 5 to + 4 0
° C
S torage te m pera ture
-20 to + 7 0
°C
* 1 : A c o nv ers ion fa c tor fo r c onv erting the im a ge s e n s or pix e l num b e r in to a w a v e length is re c o rd e d in the m o dule . A c a lc ulatio n
fa c tor fo r c onv erting the A /D c onv erted c o u n t in to the input light in te n s ity is n o t prov ided .
* 2 : D epen ds on the s lit ope ning . Va lu es w e re m e a s ure d w ith the s lit op ening lis ted in th e ta ble.
* 3 : M eas ured u nder c o ns ta nt ligh t in put c o n d itio n s
* 4 : W h e n m o no c h ro m a tic lig h t of the fo llow ing w a v e lengths is in put, s p ec tral s tra y light is defined as the ra tio of the c oun t
m e a s ure d at the inpu t w a v e length, to the c o u n t m eas ured in a re g io n of th e input w a v e le n g th ± 4 0 n m .
C 10082M D : 500 n m , C 1 0083M D : 650 n m
* 5 : E n tra n c e s lit a p e rtu re s iz e
* 6 : N o c onde ns a tio n
Light s p ec trally s eparated by a gratin g is fo c u s ed ac c o rd ing to ligh t w a v e le n g th on predeterm ined im age s e ns or po s ition s , an d
high-order lig ht is a ls o in p u t o n to pos itions at in te g e r-m ultiples o f w a v e length s .
In th e s e m in i-s pec trom eters an optic a l filter is atta c h e d to the im age s e n s or to c u t off h igh-ord e r lig ht, b u t th is als o c a u s e s a drop
in th e im age s e ns o r output at th e fo llo w ing w a v e leng th s .
C 10082M D : N ear 34 0 nm an d 5 0 0 n m , C 1 0 083M D : N ear 500 nm and 700 nm
Ty pes not u s in g a hig h -o rder lig ht c u t off filter are als o av aila ble. P lea s e s p ec ify by adding “-01” to the ty pe nu m b e r w hen ordering.
(E x a m p le : C 100 82M D -01)


Similar Part No. - C10082MD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10082CA HAMAMATSU-C10082CA Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CAH HAMAMATSU-C10082CAH Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
More results

Similar Description - C10082MD

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9406GC HAMAMATSU-C9406GC Datasheet
420Kb / 4P
   Integrating optical system, image sensor and circuit
C9404MC HAMAMATSU-C9404MC Datasheet
414Kb / 4P
   Integrating optical system, image sensor and circuit
C10082CA HAMAMATSU-C10082CA Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
C11482GA HAMAMATSU-C11482GA Datasheet
580Kb / 8P
   Mini-spectrometer
C11118GA HAMAMATSU-C11118GA_15 Datasheet
322Kb / 7P
   Mini-spectrometer
C13053MA HAMAMATSU-C13053MA_15 Datasheet
406Kb / 9P
   Mini-spectrometer
C13054MA HAMAMATSU-C13054MA_15 Datasheet
410Kb / 9P
   Mini-spectrometer
C11697MB HAMAMATSU-C11697MB_15 Datasheet
297Kb / 9P
   Mini-spectrometer
C11482GA HAMAMATSU-C11482GA_15 Datasheet
266Kb / 8P
   Mini-spectrometer
C9404CA HAMAMATSU-C9404CA Datasheet
302Kb / 4P
   Mini-spectrometer TG series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com