Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10013SK Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C10013SK
Description  Flat panel sensor High reliability, high sensitivity
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10013SK Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C10013SK Datasheet HTML 1Page - Hamamatsu Corporation C10013SK Datasheet HTML 2Page - Hamamatsu Corporation C10013SK Datasheet HTML 3Page - Hamamatsu Corporation C10013SK Datasheet HTML 4Page - Hamamatsu Corporation C10013SK Datasheet HTML 5Page - Hamamatsu Corporation C10013SK Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Flat panel sensor
C10013SK
s Connection
Install the frame grabber board into the PC by the manufacturer’s instructions. When a general-purpose frame grabber board is
used, binning or trigger operation for IntExt and ExtTrgGrb can be controlled with its digital I/O control.
KACCC0291EB
VIDEO OUTPUT
(12 BIT DIGITAL)
Vsync, Hsync,
Pclk
IntExt
ExtTrgGrb
X-RAY SOURCE
FRAME
GRABBER
MONITOR
PC/AT
(REAR VIEW)
ExtTrgLemo
OS +
ACQUISITION
SOFTWARE
VOLTAGE
SOURCE
(A.vdd, D.vdd)
C10013SK
CMOS FLAT PANEL SENSOR C10013SK
s Dimensional outline (unit: mm, tolerance: ±1 mm unless otherwise noted)
KACCA0173EC
5
152
38
43
Top cover is made of carbon fiber (1.0 mm thickness).
Weight: 2.7 kg
* ±0.5 mm
52.6
ACTIVE AREA
51.6
SCINTILLATOR TO
TOP COVER
11.3
16.4
15 *
120 *
15 *
120 *
17.4
18.5
16.4
CMOS FLAT PANEL SENSOR C10013SK
(4 ×) M3 DEPTH 4 mm


Similar Part No. - C10013SK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C10017 PANDUIT-C10017 Datasheet
50Kb / 2P
   PSL-CBIL CIRCUIT BREAK LOCKOUT
logo
Silicon Laboratories
C1001AT SILABS-C1001AT Datasheet
76Kb / 1P
   Silicon Labs is adding an Automotive Qualified option for the Si4012
More results

Similar Description - C10013SK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C9311DK HAMAMATSU-C9311DK Datasheet
142Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
logo
DB Lectro Inc
NE720 DBLECTRO-NE720_05 Datasheet
309Kb / 2P
   High sensitivity & reliability.
logo
Hamamatsu Corporation
C9312SK-06 HAMAMATSU-C9312SK-06 Datasheet
106Kb / 6P
   Flat panel sensor High-speed, High reliability, 110 kV (X-ray tube voltage) proof
C7942CA-22 HAMAMATSU-C7942CA-22 Datasheet
226Kb / 8P
   Flat panel sensor
C7942CA HAMAMATSU-C7942CA Datasheet
204Kb / 8P
   Flat panel sensor
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
C7921CA HAMAMATSU-C7921CA Datasheet
192Kb / 7P
   Flat panel sensor
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com