Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS850 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPS850
Description  Photo-IC Silicon Epitaxial Planar
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS850 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS850 Datasheet HTML 1Page - Toshiba Semiconductor TPS850 Datasheet HTML 2Page - Toshiba Semiconductor TPS850 Datasheet HTML 3Page - Toshiba Semiconductor TPS850 Datasheet HTML 4Page - Toshiba Semiconductor TPS850 Datasheet HTML 5Page - Toshiba Semiconductor TPS850 Datasheet HTML 6Page - Toshiba Semiconductor TPS850 Datasheet HTML 7Page - Toshiba Semiconductor TPS850 Datasheet HTML 8Page - Toshiba Semiconductor TPS850 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS850
2007-10-01
4
Handling Precautions
At power-on in darkness, the internal circuit takes about 50 ms to stabilize. During this period the output signal
is unstable and may change. Please take this into account.
Moisture-Proof Packing
(1)
To avoid moisture absorption by the resin, the product is packed in an aluminum envelope with silica
gel.
(2)
Since the optical characteristics of the device can be affected during soldering by vaporization
resulting from prior absorption of moisture and they should therefore be stored under the following
conditions:
Temperature: 5°C to 30°C, Relative humidity: 60% (max), Time: 168 h
(3)
Baking is required if the devices have been store unopened for more than six months or if the
aluminum envelope has been opened for more than 168 h.
These devices are packed on tapes; hence, please avoid baking at high temperature.
Recommended baking conditions: 60°C for 12 h or longer
Mounting Precautions
(1)
Do not apply stress to the resin at high temperature.
(2)
The resin part is easily scratched, so avoid friction with hard materials.
(3)
When installing the assembly board in equipment, ensure that this product does not come into
contact with other components.
Mounting Methods
(1)
Reflow soldering
• Package surface temperature: 260°C (max)
• Please perform reflow soldering using the following reference temperature profile.
Perform reflow soldering no more than twice.
• Please perform the first reflow soldering within 168 h after opening the package with reference to
the above temperature profile.
• Second reflow soldering
In case of second reflow soldering, it should be performed within 168 h after first reflow under the
above conditions.
Storage conditions before second reflow soldering: 30°C, 60% RH or lower
• Do not perform flow soldering.
• Make any necessary soldering correction manually.
(do not do this more than once for any given pin.)
Temperature: no more than 350°C (25 W for soldering iron)
Time: within 5 s
30 s to 50 s Heating part
Time (s)
60 s to 120 s
260°C max
230°C
190°C
180°C
Preheating part


Similar Part No. - TPS850

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
More results

Similar Description - TPS850

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
   PHOTO IC SILICON EPITAXIAL PLANAR
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS859 TOSHIBA-TPS859 Datasheet
283Kb / 13P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS818 TOSHIBA-TPS818 Datasheet
128Kb / 5P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
   TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
   TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS614 TOSHIBA-TPS614 Datasheet
205Kb / 4P
   PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com