Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9409MA Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9409MA
Description  Compact and low cost, OEM model (C9409MA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9409MA Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9409MA Datasheet HTML 1Page - Hamamatsu Corporation C9409MA Datasheet HTML 2Page - Hamamatsu Corporation C9409MA Datasheet HTML 3Page - Hamamatsu Corporation C9409MA Datasheet HTML 4Page - Hamamatsu Corporation C9409MA Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mini-spectrometer RC series
C9407MA, C9409MA
28
14
28
320
FLEXIBLE BOARD
(2 ×) M2.6 DEPTH 5
2
s Optical characteristics
RC-VIS-MOS
RC-VIS-MOS
Parameter
C9407MA (Spectrometer module)
C 9 4 09 M A (Spectro m eter head)
Unit
Spectral response range
340 to 780
nm
Spectral resolution Max.
(Spectral response half width)*
2
9
nm
Wavelength reproducibility *
3
±0.5
nm
Wa v elength te mperature depen denc e
0.05
nm/°C
Spectral stray light *
2 *4
-30
dB
Broadband stray light *
2 *5
-25
dB
*2: Depends on the slit opening. Values were measured with the slit listed in the table “s General ratings / Absolute maximum
ratings”.
*3: Measured under constant light input conditions.
*4: When light at 550 nm is input, spectral stray light is defined as the ratio of the count measured at the input wavelength, to the
count measured in a region of the input wavelength ±40 nm.
*5: The ratio of the transmittance in the transmitting wavelength region of an optical filter (OG530) to that in the blocking region.
s Electrical characteristics
Parameter
C9407MA (Spectrometer module)
C 9 4 09 M A (Spectro m eter head)
Unit
A/D conversion
16
-
bit
Integration time
5 to 10000
-
ms
Interface
USB1.1
-
-
s General ratings/Absolute maximum ratings
Parameter
C9407MA (Spectrometer module)
C 9 4 09 M A (Spectro m eter head)
Unit
Dimensions
73 (W) × 53 (D) × 46 (H)
28 (W) × 28 (D) × 28 (H)
mm
Built-in head
C9409MA
-
-
Image sensor
CMOS linear image sensor (S8378-256N)
-
Number of pixels
256
pixels
Slit *
6
70 (H) × 550 (V)
µm
Optical NA
0.22
-
Fiber core diameter
600
µm
Optical fiber connector
SMA905
-
Operating temperature *
7
+5 to +40
°C
Storage temperature
-20 to +70
°C
*6: Entrance slit aperture size of the incorporated image sensor.
*7: No condensation
C9409MA
s Dimensional outlines (unit: mm)
46
C9409MA
C9409MA
(4
×) M2.6 DEPTH 3
50.0
11.5
73.0
340
C9407MA
KACCA0147EC
KACCA0149EC
OEM model
OEM model
OEM model


Similar Part No. - C9409MA

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9400 CISCO-C9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
C9400-LC-24S CISCO-C9400-LC-24S Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
C9400-LC-24XS CISCO-C9400-LC-24XS Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
C9400-LC-24XY CISCO-C9400-LC-24XY Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
C9400-LC-48H CISCO-C9400-LC-48H Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
More results

Similar Description - C9409MA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LVM-110 TEC-LVM-110 Datasheet
171Kb / 3P
   Low cost OEM signal conditioner
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
   OEM Accelerometer Piezoresistive Low Cost
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
List of Unclassifed Man...
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
SDP1000 ETC2-SDP1000 Datasheet
431Kb / 10P
   For cost sensitive HVAC and medical OEM applications
CMD-HHCP-315 ETC2-CMD-HHCP-315 Datasheet
144Kb / 5P
   OEM COMPACT HANDHELD TRANSMITTER
logo
Linx Technologies
CMD-HHCP-FFF LINX-CMD-HHCP-FFF Datasheet
1Mb / 9P
   OEM Compact Handheld Transmitter
2015
logo
List of Unclassifed Man...
DK500 ETC2-DK500 Datasheet
687Kb / 2P
   Low-cost, high-performance replacement for many OEM DPMs
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com