Electronic Components Datasheet Search |
|
C9404CAH Datasheet(PDF) 2 Page - Hamamatsu Corporation |
|
C9404CAH Datasheet(HTML) 2 Page - Hamamatsu Corporation |
2 / 4 page Mini-spectrometer TG series C9404CA, C9404CAH, C9405CA WAVELENGTH (nm) 10 100 1000 10000 200 250 300 350 400 100000 C9404CA C9404CAH ENTRANCE SLIT FOCUSING LENS IMAGE SENSOR COLLIMATING LENS TRANSMISSION GRATING 2 USB CABLE AC ADAPTER PC MINI- SPECTROMETER QUARTZ CELL (For holding liquid sample) FIBER HIGH POWER UV-VIS FIBER LIGHT SOURCE (Deuterium lamp and Halogen lamp) L10290 s Connection example (transmission light measurement) Light to be measured is guided into the entrance port of TG series through an optical fiber and the spectrum measured with the built-in image sensor is output through the USB port to a PC for data acquisition. There are no moving parts inside the unit so stable measurements are obtained at all times. An optical fiber that guides light input from external sources al- lows a flexible measurement setup. KACCC0355EA s Optical component layout TM series mini-spectrometers use a transmission holographic grating made of quartz and precision optical components arranged on a rugged optical base, making it possible to deliver high throughput and highly accurate optical charac- teristics. KACCC0256EA s Spectral resolution vs. wavelength WAVELENGTH (nm) 200 300 400 500 600 700 800 900 1100 (Typ. Ta=25 ˚C) 1000 5 4 3 2 1 0 C9405CA (Slit width 70 µm, Optical NA 0.22) C9404CA (Slit width 140 µm, Optical NA 0.11) C9404CAH (Slit width 10 µm, Optical NA 0.11) KACCB0160EA s Measurement example Line spectra from low-pressure mercuy lamp were mea- sured with C9404CA (TG-UV-CCD), C9404CAH (TG-UV- CCD). KACCB0166EA |
Similar Part No. - C9404CAH |
|
Similar Description - C9404CAH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |