Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A20N100J1HTA52F Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A20N100J1HTA52F
Description  RoHS Compliant Axial Multilayer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A20N100J1HTA52F Datasheet(HTML) 1 Page - DB Lectro Inc

  A20N100J1HTA52F Datasheet HTML 1Page - DB Lectro Inc A20N100J1HTA52F Datasheet HTML 2Page - DB Lectro Inc A20N100J1HTA52F Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RoHS Compliant Axial Multilayer Ceramic Capacitor
Ⅰ、 Features
Wide capacitance, temperature, voltage and tolerance range; Industry sizes;
Tape and Reel available for auto placement.
Ⅱ、 General Characteristics
N (NPO)
W (X7R)
Z, Y (Y5V, Z5U)
Capacitance Range
OR5 to 472
331 to 224
103 to 125
Temperature
Coefficient
0±30PPm/℃
0±60PPm/℃
(-55 to
+125)
±15% (-55℃ to
125℃)
+30%~80% (-25℃ to
85℃)
+22%~56% (+10℃
to 85℃)
C ≤10nF R ≥ 10000MΩ
C ≤25nF R ≥ 4000MΩ
Insulation Resistance
C >10nF C. R ≥ 100S
C >25nF C. R ≥ 100S
With Standing
Voltage
2.5 × W V D C
Dissipation factor
0.15%max
(20℃, 1MHZ, 1VDC)
2.5%max
(20℃, 1kHZ,
1VDC)
5.0%max
(20℃, 1kHZ,
0.3VDC)
Rated Voltage
25, 50, 63, 100VDC
25, 50, 63VDC
B=±0.1PF C=±0.25PF
Top
D=±0.5PF
F=±1%
K=±10%
M=±20%
+50
G=±2%
J=±5%
+50
+80
S=
-20
%
Capacitance
Tolerance
K=±10%
M=±20%
S=
-20
%
M=±20%
Z=
-20
%
Life Test
(1000hours)
200% Rated Voltage at +125℃1000h
150% Rated Voltage
at +85℃1000h
Soderability
SJ/10211-91
4.11
SJ/T10211-91
4.11
Resistance to
Soldering Heat
SJ/T10211-91
4.10
SJ/T10211-91
4.10
Mechanical Test
SJ/T10211-91 4.9
SJ/T10211-91 4.9
Temperature Cycling
SJ/T10211-91
4.12
SJ/T10211-91
4.12
Moisture Resistance
SJ/T10211-91 4.14
SJ/T10211-91 4.14
Termination adhesion
strength
SJ/T10211-91 4.9
SJ/T10211-91 4.9
Environment Testing
SJ/T10211-91 4.13
SJ/T10211-91 4.13
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - A20N100J1HTA52F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A20N126 ETC2-A20N126 Datasheet
641Kb / 2P
   Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
logo
Pentair plc. All rights...
A20N12MP PENTAIR-A20N12MP Datasheet
1Mb / 16P
   Panels and Panel Accessories
logo
List of Unclassifed Man...
A20N12MPP ETC2-A20N12MPP Datasheet
1Mb / 16P
   PERFORATED PANELS
logo
Pentair plc. All rights...
A20N12MPP PENTAIR-A20N12MPP Datasheet
1Mb / 16P
   Panels and Panel Accessories
A20N12P PENTAIR-A20N12P Datasheet
1Mb / 16P
   Panels and Panel Accessories
More results

Similar Description - A20N100J1HTA52F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
logo
RFE international
AD10 RFE-AD10 Datasheet
117Kb / 1P
   CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
Kingtronics Internation...
AKT KINGTRONICS-AKT Datasheet
412Kb / 2P
   Axial MLCC Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
UP025SL470J-A-BZ TAIYO-YUDEN-UP025SL470J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitor
logo
TAITRON Components Inco...
TMA TAITRON-TMA Datasheet
177Kb / 5P
   Axial Ceramic Monolithic Capacitor
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com