Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9303-03 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9303-03
Description  Color sensor module RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9303-03 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9303-03 Datasheet HTML 1Page - Hamamatsu Corporation C9303-03 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KACC1112E03
Mar. 2006 DN
Color sensor module
C9303-03
2
s Spectral response
KACCB0058EB
s Output voltage vs. input light
KACCB0057EB
s Block diagram
KACCC0199EA
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
300
600
700
400
500
800
0
5
10
15
20
25
900
GREEN
RED
BLUE
INPUT LIGHT (mW)
0
0
0.05
0.1
0.15
0.2
(VREF=3.000 V)
Vos 3
4
1
2
RED
BLUE
GREEN
VREF
Vcc
GND
VRO
VGO
VBO
B
G
A
A
A
R
AMP
s Dimensional outline (unit: mm)
KACCA0160EA
s Application example
Optical feedback of backlight for TFT-LCD
C9303-03
MIXING LIGHT GUIDE &
LCD PANEL
LED LIGHT SOURCE
COLOR
CONTROLLER
LUMINANCE/
LIGHT COORDINATE
SETTING
RED DRIVER
GREEN DRIVER
BLUE DRIVER
LED: Made by Lumileds (LUXEON), http://www.lumileds.com/
KACCC0212EC
s Accessory
Dedicated cable with connector
(2.0)
4.1
39.0 (PARTS MOUNTING PLACE)
(7.3)
(2.0)
ZtB
ZtR
ZtG
GND PAD
(THROUGH HOLE)
t=1.0
FILTER (3.2 × 3.2 × 0.75 t)
COLOR SENSOR
(2 ×) 2.2
14.6 ± 0.3
43.0
47.0 ± 0.5
CN
Connector: CN SM08B-SURS-TF (JST)
Mating cable: AWG#32
Tolerance unless otherwise noted: ±0.2
Pin No.
Signal
VREF
Vcc
GND
NC
VGo
VRo
VBo
NC
G
BR


Similar Part No. - C9303-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
More results

Similar Description - C9303-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04 Datasheet
70Kb / 2P
   Color sensor module RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
NHD-4.3CTP-SHIELD-L NEWHAVEN-NHD-4.3CTP-SHIELD-L Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-N NEWHAVEN-NHD-4.3CTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3CTP-SHIELD-V NEWHAVEN-NHD-4.3CTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module Arduino Shield
NHD-4.3RTP-SHIELD-L NEWHAVEN-NHD-4.3RTP-SHIELD-L Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module Arduino Shield
logo
Schneider Electric
HMIS85 SCHNEIDER-HMIS85 Datasheet
73Kb / 2P
   5in7 small touchscreen display front module Backlight LED Color TFT LCD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com