Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4111K Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD4111K
Description  Power Device High Voltage Monolithic Silicon Power IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4111K Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD4111K Datasheet HTML 3Page - Toshiba Semiconductor TPD4111K Datasheet HTML 4Page - Toshiba Semiconductor TPD4111K Datasheet HTML 5Page - Toshiba Semiconductor TPD4111K Datasheet HTML 6Page - Toshiba Semiconductor TPD4111K Datasheet HTML 7Page - Toshiba Semiconductor TPD4111K Datasheet HTML 8Page - Toshiba Semiconductor TPD4111K Datasheet HTML 9Page - Toshiba Semiconductor TPD4111K Datasheet HTML 10Page - Toshiba Semiconductor TPD4111K Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPD4111K
2006-06-30
7
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VBB
250
V
Power supply voltage
VCC
20
V
Output current (DC)
Iout
1
A
Output current (pulse)
Iout
2
A
Input voltage (except VS)
VIN
−0.5 to VREG + 0.5
V
Input voltage (only VS)
VVS
8.2
V
VREG current
IREG
50
mA
Power dissipation (Ta
= 25°C)
PC
4
W
Power dissipation (Tc
= 25°C)
PC
20
W
Operating junction temperature
Tjopr
−20 to 135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Lead-heat sink isolation voltage
Vhs
1000 (1 min)
Vrms
In case that the IC is erroneously connected to 200 VAC power supply, it can withstand a voltage of up to 315 V for
1 min under the condition of VS < 1.1 V.


Similar Part No. - TPD4111K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4111K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com