Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9118 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9118 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C9118_05 Datasheet HTML 1Page - Hamamatsu Corporation C9118_05 Datasheet HTML 2Page - Hamamatsu Corporation C9118_05 Datasheet HTML 3Page - Hamamatsu Corporation C9118_05 Datasheet HTML 4Page - Hamamatsu Corporation C9118_05 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
4
s Pin assignment of I/O connector
<CN1>
For connection to S8865-64
or S8865-128 photodiode arrays
Connector type: 801-93-012-20-001 PRECI-DIP (made by DURTAL) or equivalent
Pin No.
Terminal Name
I/O
Description
1
RESET
O
Sensor scan start signal. Pulse width at High level nearly equals sensor integration
time.
2
CLK
O
Sensor scan sync signal. Sensor starts scanning in synchronization with this signal.
3
Trig
I
For A/D conversion timing signals. Positive logic
4
EXTST
O
High level at first stage during parallel or serial readout. At second and subsequent
stages during serial readout, this outputs the EOS pulse of preceding stage.
5Vms
O
High level at first stage during parallel or serial readout. At second and subsequent
stages, this sets to Low level.
6
Vdd
O
Sensor supply voltage
7
GND
-
Sensor GND
8
EOS
I
EOS (end of scan) signal of sensor. Negative logic
9
Video
I
Video output signal. Positive polarity
10
Vref
O
Reference voltage
11
Vgain
O
Sensor gain switching
H: high gain, L: low gain
12
Vpd
O
Photodiode voltage
<CN2>
Used to connect the first stage to an external I/O during parallel readout or serial readout
For the second and subsequent stages during serial readout, CN2 is used to connect to CN3 at preceding stage.
Note 1) CN3 is installed only for C9118-01 (for serial readout).
Connector type: DF13-10P-1.25H (50) (made by Hirose Electric)
Pin No.
Terminal Name
I/O
Description
1
M-RESET
I
Sensor scan start signal. Pulse width at High level nearly equals sensor integration
time.
2
M-CLK
I
Sensor scan sync signal. Sensor and circuit start operating in synchronization with this
signal.
3
TRIGGER
O
For A/D conversion timing signals. Positive logic
4
L-EOS
O
EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic
5
IN-START
I
NC (no connection) at first stage during parallel or serial readout. At second and
subsequent stages during serial readout, this receives the EOS pulse of preceding
stage.
6
GAIN
I
External setting for sensor gain
H: high gain, L: low gain
7GND
-
Circuit GND
8
+5 V
I
+5 V power supply
9
VIDEO
O
Video output signal. Positive polarity
10
A.GND
O
Video GND


Similar Part No. - C9118_05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9118-00 ETC1-C9118-00 Datasheet
134Kb / 1P
   Standard Dual Beam Wire Wrap Edge-Grip Sockets
logo
Hamamatsu Corporation
C9118-01 HAMAMATSU-C9118-01 Datasheet
155Kb / 5P
   Driver circuit for photodiode array with amplifier
More results

Similar Description - C9118_05

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9118 HAMAMATSU-C9118 Datasheet
155Kb / 5P
   Driver circuit for photodiode array with amplifier
C9004 HAMAMATSU-C9004 Datasheet
156Kb / 2P
   Driver circuit for Si photodiode array
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
logo
Panasonic Semiconductor
PNA4U23F PANASONIC-PNA4U23F Datasheet
441Kb / 4P
   Photodiode with amplifier functions
PNA4U15F PANASONIC-PNA4U15F Datasheet
437Kb / 4P
   Photodiode with amplifier functions
PNA4U17F PANASONIC-PNA4U17F Datasheet
452Kb / 4P
   Photodiode with amplifier functions
PNA4U31F PANASONIC-PNA4U31F Datasheet
455Kb / 4P
   Photodiode with amplifier functions
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
   Avalanche Photodiode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com