Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8799 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C8799
Description  Data processing unit with USB interface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8799 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C8799_07 Datasheet HTML 1Page - Hamamatsu Corporation C8799_07 Datasheet HTML 2Page - Hamamatsu Corporation C8799_07 Datasheet HTML 3Page - Hamamatsu Corporation C8799_07 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data processing unit for NMOS linear image sensor
C8799
2
s Timing chart (external trigger setting)
KACCC0176EA
When EXT. TRIG is input while GATE is at High level,
data is enabled from the next scan.
Data collection timing by external one-shot trigger
(when enabled with falling edge)
The M-IN-START setting (T2) is ignored when this mode is selected.
But T1 stays enabled. Integration time depends on TX.
Data collection timing by external continuous trigger input
(when enabled with falling edge)
* Internal signal
EFFECTIVE DATA
EFFECTIVE DATA
DATA COLLECTION START KEY INPUT
EXT. TRIG
M-IN-START *
GATE *
DATA
START
EXT. TRIG
M-IN-START *
DATA
START
T2
TX
T1
T2
T2
Connector for multichannel detector head: D-sub 15 pin socket
CLK
START
TRIGGER
+5 V
EOS
VIDEO
OSC. TRIG
EXT. TRIG
MONITOR
+5 V
+5 V
OFFSET
PGA GAIN SETTING
+5 V
+15 V
-15 V
+5 V
+15 V
-15 V
D0 to D11
RD
MEMORY
1 MEGA-WORD
CS
CPU
MPX
SEL
USB
DOS/V COMPUTER
WR
CONNECTOR FOR POWER SUPPLY: HR10A-10R-10S
CONTROLLER
TIME BASE
DATA PROCESSING UNIT C8799
PGA
12 BIT ADC
1 MHz SAMPLING
KACCC0173EB
s Block diagram


Similar Part No. - C8799_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8799 HAMAMATSU-C8799 Datasheet
150Kb / 4P
   Data processing unit for NMOS linear image sensor
More results

Similar Description - C8799_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL-USB-TC ETC2-EL-USB-TC Datasheet
951Kb / 3P
   Thermocouple Data Logger with USB Interface
logo
Hamamatsu Corporation
C8855-01 HAMAMATSU-C8855-01_15 Datasheet
627Kb / 4P
   USB INTERFACE COMPATIBLE COUNTING UNIT
C8855 HAMAMATSU-C8855 Datasheet
73Kb / 2P
   USB INTERFACE COMPATIBLE COUNTING UNIT
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
National Semiconductor ...
DP8510 NSC-DP8510 Datasheet
45Kb / 1P
   BITBLT PROCESSING UNIT
logo
Zilog, Inc.
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
logo
List of Unclassifed Man...
VL-HDW-415 ETC2-VL-HDW-415 Datasheet
1Mb / 4P
   Embedded Processing Unit
logo
Hamamatsu Corporation
C8799 HAMAMATSU-C8799 Datasheet
150Kb / 4P
   Data processing unit for NMOS linear image sensor
logo
Intel Corporation
8231A INTEL-8231A Datasheet
802Kb / 13P
   ARITHMETIC PROCESSING UNIT
logo
List of Unclassifed Man...
VL-EPU-2610-EBPN ETC2-VL-EPU-2610-EBPN Datasheet
681Kb / 2P
   Embedded Processing Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com